Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA08TB120SPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HFA08TB120SPBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 8 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA08TB120SPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  HFA08TB120SPBF_10 Datasheet HTML 1Page - Vishay Siliconix HFA08TB120SPBF_10 Datasheet HTML 2Page - Vishay Siliconix HFA08TB120SPBF_10 Datasheet HTML 3Page - Vishay Siliconix HFA08TB120SPBF_10 Datasheet HTML 4Page - Vishay Siliconix HFA08TB120SPBF_10 Datasheet HTML 5Page - Vishay Siliconix HFA08TB120SPBF_10 Datasheet HTML 6Page - Vishay Siliconix HFA08TB120SPBF_10 Datasheet HTML 7Page - Vishay Siliconix HFA08TB120SPBF_10 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94046
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 22-Feb-10
3
VS-HFA08TB120SPbF
HEXFRED®
Ultrafast Soft Recovery Diode, 8 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
VFM - Forward Voltage Drop (V)
02468
10
1
100
10
94046_01
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
VR - Reverse Voltage (V)
0
300
900
600
1200
0.01
0.1
1
10
100
1000
94046_02
T
J = 125 °C
T
J = 100 °C
T
J = 150 °C
T
J = 25 °C
VR - Reverse Voltage (V)
1
10
100
10 000
1000
1
100
10
94046_03
T
J = 25 °C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
94046_04
Single pulse
(thermal response)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
P
DM
t
2
t
1
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - HFA08TB120SPBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA08TB120SPBF IRF-HFA08TB120SPBF Datasheet
145Kb / 4P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA08TB120SPBF VISHAY-HFA08TB120SPBF Datasheet
68Kb / 3P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
More results

Similar Description - HFA08TB120SPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08PB60PBF VISHAY-HFA08PB60PBF_11 Datasheet
194Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 23-May-11
HFA08PB120PBF VISHAY-HFA08PB120PBF_11 Datasheet
156Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 23-May-11
HFA08SD60S-M3 VISHAY-HFA08SD60S-M3 Datasheet
138Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 31-Mar-11
HFA08TB60PBF VISHAY-HFA08TB60PBF_11 Datasheet
176Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 24-May-11
VS-HFA08PB120PBF VISHAY-VS-HFA08PB120PBF Datasheet
148Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 17-Jul-13
VS-HFA08TB60HN3 VISHAY-VS-HFA08TB60HN3 Datasheet
186Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 8 A
Revision: 15-Jul-15
HFA08SD60STRPBF VISHAY-HFA08SD60STRPBF Datasheet
143Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 8 A
Revision: 14-Jun-11
VS-HFA08TB120SPBF VISHAY-VS-HFA08TB120SPBF Datasheet
174Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 8 A
Revision: 26-Feb-16
HFA08SD60SPBF VISHAY-HFA08SD60SPBF_13 Datasheet
143Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 8 A
Revision: 14-Jun-11
VS-HFA08TB60SPBF VISHAY-VS-HFA08TB60SPBF Datasheet
198Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 8 A
Revision: 26-Feb-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com