Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA25PB60PBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # HFA25PB60PBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 25 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA25PB60PBF Datasheet(HTML) 8 Page - Vishay Siliconix

  HFA25PB60PBF_11 Datasheet HTML 1Page - Vishay Siliconix HFA25PB60PBF_11 Datasheet HTML 2Page - Vishay Siliconix HFA25PB60PBF_11 Datasheet HTML 3Page - Vishay Siliconix HFA25PB60PBF_11 Datasheet HTML 4Page - Vishay Siliconix HFA25PB60PBF_11 Datasheet HTML 5Page - Vishay Siliconix HFA25PB60PBF_11 Datasheet HTML 6Page - Vishay Siliconix HFA25PB60PBF_11 Datasheet HTML 7Page - Vishay Siliconix HFA25PB60PBF_11 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Document Number: 91000
www.vishay.com
Revision: 11-Mar-11
1
Disclaimer
Legal Disclaimer Notice
Vishay
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - HFA25PB60PBF_11

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25PB60PBF IRF-HFA25PB60PBF Datasheet
207Kb / 6P
   ultrafast, soft recovery diode
logo
Vishay Siliconix
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
203Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
638Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
More results

Similar Description - HFA25PB60PBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA25TB60PBF VISHAY-HFA25TB60PBF_11 Datasheet
202Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 25 A
Revision: 24-May-11
HFA50PA60CPBF VISHAY-HFA50PA60CPBF_11 Datasheet
215Kb / 9P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 23-May-11
HFA50PA60C VISHAY-HFA50PA60C Datasheet
207Kb / 7P
   HEXFRED® Ultrafast, Soft Recovery Diode, 2 x 25 A
Revision: 29-Jul-08
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
VS-HFA50PA60CHN3 VISHAY-VS-HFA50PA60CHN3 Datasheet
162Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 15-Jul-15
HFA50PA60CPBF VISHAY-HFA50PA60CPBF Datasheet
210Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 25-Jul-08
VS-HFA50PA60CPBF VISHAY-VS-HFA50PA60CPBF Datasheet
221Kb / 10P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 25
Revision: 19-Aug-11
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com