Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA30TA60CSPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # HFA30TA60CSPBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA30TA60CSPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  HFA30TA60CSPBF_10 Datasheet HTML 1Page - Vishay Siliconix HFA30TA60CSPBF_10 Datasheet HTML 2Page - Vishay Siliconix HFA30TA60CSPBF_10 Datasheet HTML 3Page - Vishay Siliconix HFA30TA60CSPBF_10 Datasheet HTML 4Page - Vishay Siliconix HFA30TA60CSPBF_10 Datasheet HTML 5Page - Vishay Siliconix HFA30TA60CSPBF_10 Datasheet HTML 6Page - Vishay Siliconix HFA30TA60CSPBF_10 Datasheet HTML 7Page - Vishay Siliconix HFA30TA60CSPBF_10 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94071
6
Revision: 22-Feb-10
VS-HFA30TA60CSPbF
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 2 x 15 A
ORDERING INFORMATION TABLE
2
-
HEXFRED® family
1
-
HPP product suffix
3
-
Process designator: A = Electron irradiated
4
-Current rating (30 = 30 A)
5
-
Package outline (TA = TO-220, 3 leads)
6
-
Voltage rating (60 = 600 V)
7
-
Circuit configuration (C = Common cathode)
8
-
S = D2PAK
-
PbF = Lead (Pb)-free
10
9
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
Device code
5
1
3
24
67
8
9
10
VS-
HF
A
30
TA
60
C
S
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95046
Part marking information
www.vishay.com/doc?95054
Packaging information
www.vishay.com/doc?95032


Similar Part No. - HFA30TA60CSPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA30TA60CSPBF VISHAY-HFA30TA60CSPBF Datasheet
182Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Oct-08
More results

Similar Description - HFA30TA60CSPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA30PA60CPBF VISHAY-HFA30PA60CPBF_11 Datasheet
186Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 23-May-11
VS-HFA30TA60CSPBF VISHAY-VS-HFA30TA60CSPBF Datasheet
205Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 26-Feb-16
VS-HFA30TA60CHN3 VISHAY-VS-HFA30TA60CHN3 Datasheet
156Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 15-Jul-15
VS-HFA30TA60CPBF VISHAY-VS-HFA30TA60CPBF Datasheet
193Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 14-Jul-15
VS-HFA30PA60CPBF VISHAY-VS-HFA30PA60CPBF Datasheet
195Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 02-Jul-12
HFA15PB60PBF VISHAY-HFA15PB60PBF_11 Datasheet
175Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 15 A
Revision: 16-May-11
HFA15TB60SPBF VISHAY-HFA15TB60SPBF_11 Datasheet
216Kb / 9P
   HEXFRED, Ultrafast Soft Recovery Diode, 15 A
Revision: 10-Jun-11
VS-HFA15TB60S-M3 VISHAY-VS-HFA15TB60S-M3 Datasheet
241Kb / 6P
   HEXFRED® , Ultrafast Soft Recovery Diode, 15 A
Revision: 27-Oct-17
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF_10 Datasheet
190Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 24-Feb-10
HFA50PA60CPBF VISHAY-HFA50PA60CPBF_11 Datasheet
215Kb / 9P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com