Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA80FA120P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HFA80FA120P
Description  HEXFRED Ultrafast Soft Recovery Diode, 80 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA80FA120P Datasheet(HTML) 3 Page - Vishay Siliconix

  HFA80FA120P Datasheet HTML 1Page - Vishay Siliconix HFA80FA120P Datasheet HTML 2Page - Vishay Siliconix HFA80FA120P Datasheet HTML 3Page - Vishay Siliconix HFA80FA120P Datasheet HTML 4Page - Vishay Siliconix HFA80FA120P Datasheet HTML 5Page - Vishay Siliconix HFA80FA120P Datasheet HTML 6Page - Vishay Siliconix HFA80FA120P Datasheet HTML 7Page - Vishay Siliconix HFA80FA120P Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94075
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
HFA80FA120P
HEXFRED®
Ultrafast Soft Recovery Diode, 80 A
Vishay Semiconductors
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
100
10
VF - Forward Voltage Drop (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.0001
1
10
0.1
0.01
0.001
VR - Reverse Voltage (V)
200
400
600
800
1000
1200
0
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
100
10
1000
VR - Reverse Voltage (V)
10
100
1000
10 000
1
T
J = 25 °C
0.01
0.001
0.0001
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
10
Single pulse
(thermal resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - HFA80FA120P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA80FA120P VISHAY-HFA80FA120P Datasheet
115Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 80 A
Revision: 28-Aug-08
HFA80FA120P VISHAY-HFA80FA120P Datasheet
115Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 80 A
02-Oct-12
HFA80FA120P VISHAY-HFA80FA120P_V01 Datasheet
115Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 80 A
02-Oct-12
More results

Similar Description - HFA80FA120P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA80FA120P VISHAY-HFA80FA120P Datasheet
115Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 80 A
Revision: 28-Aug-08
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
HFA08TB120SPBF VISHAY-HFA08TB120SPBF_10 Datasheet
152Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Feb-10
HFA15PB60PBF VISHAY-HFA15PB60PBF_11 Datasheet
175Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 15 A
Revision: 16-May-11
HFA15TB60SPBF VISHAY-HFA15TB60SPBF_11 Datasheet
216Kb / 9P
   HEXFRED, Ultrafast Soft Recovery Diode, 15 A
Revision: 10-Jun-11
logo
International Rectifier
HFA75MB40C IRF-HFA75MB40C Datasheet
278Kb / 5P
   Ultrafast, Soft Recovery Diode HEXFRED
HFA320NJ40C IRF-HFA320NJ40C Datasheet
329Kb / 5P
   HEXFRED Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com