Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVQ125SD Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC74LVQ125SD
Description  LOW-VOLTAGE CMOS QUAD BUFFER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ125SD Datasheet(HTML) 6 Page - Motorola, Inc

  MC74LVQ125SD Datasheet HTML 1Page - Motorola, Inc MC74LVQ125SD Datasheet HTML 2Page - Motorola, Inc MC74LVQ125SD Datasheet HTML 3Page - Motorola, Inc MC74LVQ125SD Datasheet HTML 4Page - Motorola, Inc MC74LVQ125SD Datasheet HTML 5Page - Motorola, Inc MC74LVQ125SD Datasheet HTML 6Page - Motorola, Inc MC74LVQ125SD Datasheet HTML 7Page - Motorola, Inc MC74LVQ125SD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74LVQ125
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
6
OUTLINE DIMENSIONS
DIM
A
MIN
MAX
MIN
MAX
INCHES
6.07
6.33
0.238
0.249
MILLIMETERS
B
5.20
5.38
0.205
0.212
C
1.73
1.99
0.068
0.078
D
0.05
0.21
0.002
0.008
F
0.63
0.95
0.024
0.037
G
0.65 BSC
0.026 BSC
H
1.08
1.22
0.042
0.048
J
0.09
0.20
0.003
0.008
J1
0.09
0.16
0.003
0.006
K
0.25
0.38
0.010
0.015
K1
0.25
0.33
0.010
0.013
_
_
_
_
NOTES:
6 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
7 CONTROLLING DIMENSION: MILLIMETER.
8 DIMENSION A DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
9 DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
10 DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION/INTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF K DIMENSION AT MAXIMUM
MATERIAL CONDITION. DAMBAR INTRUSION
SHALL NOT REDUCE DIMENSION K BY MORE
THAN 0.07 (0.002) AT LEAST MATERIAL
CONDITION.
11 TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
12 DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE –W–.
H
A
B
14
8
7
1
F
M
K
14X
REF
S
U
M
0.12 (0.005)
V S
T
L
L/2
PIN 1
IDENT
S
U
M
0.20 (0.008)
T
–V–
–U–
D
C
0.076 (0.003)
G
–T– SEATING
PLANE
DETAIL E
DETAIL E
–W–
N
N
0.25 (0.010)
K
J
J1
K1
SECTION N–N
L
7.65
7.90
0.301
0.311
M
0
8
0
8
SD SUFFIX
PLASTIC SSOP PACKAGE
CASE 940A–03
ISSUE B


Similar Part No. - MC74LVQ125SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ138 MOTOROLA-MC74LVQ138 Datasheet
222Kb / 8P
   LOW-VOLTAGE CMOS DECODER/DEMULTIPLEXER
MC74LVQ138D MOTOROLA-MC74LVQ138D Datasheet
222Kb / 8P
   LOW-VOLTAGE CMOS DECODER/DEMULTIPLEXER
MC74LVQ138DT MOTOROLA-MC74LVQ138DT Datasheet
222Kb / 8P
   LOW-VOLTAGE CMOS DECODER/DEMULTIPLEXER
MC74LVQ138M MOTOROLA-MC74LVQ138M Datasheet
222Kb / 8P
   LOW-VOLTAGE CMOS DECODER/DEMULTIPLEXER
MC74LVQ138SD MOTOROLA-MC74LVQ138SD Datasheet
222Kb / 8P
   LOW-VOLTAGE CMOS DECODER/DEMULTIPLEXER
More results

Similar Description - MC74LVQ125SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX125 MOTOROLA-MC74LCX125 Datasheet
142Kb / 7P
   LOW-VOLTAGE CMOS QUAD BUFFER
logo
ON Semiconductor
MC74LCX125 ONSEMI-MC74LCX125_12 Datasheet
137Kb / 7P
   Low-Voltage CMOS Quad Buffer
July, 2012 ??Rev. 7
MC74LCX125 ONSEMI-MC74LCX125_V01 Datasheet
263Kb / 9P
   Low-Voltage CMOS Quad Buffer
October, 2012 ??Rev. 8
74LVX125 ONSEMI-74LVX125 Datasheet
316Kb / 9P
   Low Voltage Quad Buffer
February 2008 Rev. 1.4.0
74LVTH125 ONSEMI-74LVTH125 Datasheet
227Kb / 9P
   Low Voltage Quad Buffer
January 2008 Rev. 1.4.0
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC07A ONSEMI-74LVC07A_15 Datasheet
105Kb / 7P
   Low-Voltage CMOS Hex Buffer
December, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com