Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR64-05 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAR64-05
Description  Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR64-05 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAR64-05 Datasheet HTML 1Page - Siemens Semiconductor Group BAR64-05 Datasheet HTML 2Page - Siemens Semiconductor Group BAR64-05 Datasheet HTML 3Page - Siemens Semiconductor Group BAR64-05 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAR 64...
Semiconductor Group
2
Edition A01, 23.02.95
Electrical characteristics
at
TA = 25
°C, unless otherwise specified.
Parameter
Symbol
Value
Unit
min.
typ.
max.
DC characteristics per diode
Breakdown voltage
IR = 5
µA
V(BR)
200
-
-
V
Forward voltage
IF = 50 mA
VF
-
-
1.1
V
Diode capacitance
VR = 20 V, f = 1 MHz
CT
-
0.23
0.35
pF
Forward resistance
IF = 1 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
IF = 100 mA, f = 100 MHz
rf
-
--
12.5
2.1
0.85
20
3.8
1.35
Charge carrier lifetime
IF = 10 mA, IR = 6 mA, IR = 3 mA
τL
-
1.55
-
µs
Series inductance
Ls
-
1.4
-
nH
Forward current
rF= f (TS;TA*)
* mounted on alumina
BAR64
Forward current
rF= f (TS;TA*)
per each diode
BAR64-05,-05,-06
I
F
mA
T
T
A
S
T
T
A
S
I
F
mA
T
T
A
S
T
T
A
S


Similar Part No. - BAR64-05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR64-05 INFINEON-BAR64-05 Datasheet
494Kb / 9P
   Silicon PIN Diode
Feb-14-2003
logo
Guangdong Kexin Industr...
BAR64-05 KEXIN-BAR64-05 Datasheet
41Kb / 2P
   Silicon PIN Diode
logo
Infineon Technologies A...
BAR64-05 INFINEON-BAR64-05 Datasheet
269Kb / 16P
   Silicon PIN Diode
2007-12-11
BAR64-05 INFINEON-BAR64-05 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
logo
Guangdong Kexin Industr...
BAR64-05 KEXIN-BAR64-05 Datasheet
1Mb / 4P
   PIN Diodes
More results

Similar Description - BAR64-05

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64-07 SIEMENS-BAR64-07 Datasheet
43Kb / 3P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
BAR64-02W SIEMENS-BAR64-02W Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAR64-W SIEMENS-BAR64-W Datasheet
48Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-06WH6327 INFINEON-BAR64-06WH6327 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
logo
Siemens Semiconductor G...
BAR60 SIEMENS-BAR60 Datasheet
77Kb / 4P
   Silicon PIN Diodes (RF switch RF attenuator for frequencies above 10 MHz)
logo
Infineon Technologies A...
BAR1 INFINEON-BAR1 Datasheet
848Kb / 7P
   RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
logo
Siemens Semiconductor G...
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com