Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS125-04W Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BAS125-04W
Description  Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS125-04W Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BAS125-04W Datasheet HTML 1Page - Siemens Semiconductor Group BAS125-04W Datasheet HTML 2Page - Siemens Semiconductor Group BAS125-04W Datasheet HTML 3Page - Siemens Semiconductor Group BAS125-04W Datasheet HTML 4Page - Siemens Semiconductor Group BAS125-04W Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
Dec-20-1996
BAS 125W
Forward current
IF = f (TA*;TS)
* Package mounted on epoxy
BAS 125W
0
20
40
60
80
100
120 °C 150
T
A,TS
0
10
20
30
40
50
60
70
80
mA
100
I
F
T
S
T
A
Permissible Pulse Load
RTHJS = f(tp)
BAS 125W
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
3
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
IFmax/IFDC = f(tp)
BAS 125W
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
-
I
Fmax/IFDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - BAS125-04W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS125-04W INFINEON-BAS125-04W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Guangdong Kexin Industr...
BAS125-04W KEXIN-BAS125-04W Datasheet
46Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAS125-04W INFINEON-BAS125-04W Datasheet
104Kb / 8P
   Silicon Schottky Diodes
2007-04-19
More results

Similar Description - BAS125-04W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT64-06E6327 INFINEON-BAT64-06E6327 Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
BAT54-02VH6327 INFINEON-BAT54-02VH6327 Datasheet
967Kb / 15P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2011-06-29
BAS125-07WH6327 INFINEON-BAS125-07WH6327 Datasheet
104Kb / 8P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-04-19
BAT-64-04W INFINEON-BAT-64-04W Datasheet
1Mb / 13P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2014-02-11
logo
Siemens Semiconductor G...
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAS125-07W SIEMENS-BAS125-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAT64-W SIEMENS-BAT64-W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07 SIEMENS-BAT64-07 Datasheet
88Kb / 4P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07W SIEMENS-BAT64-07W Datasheet
34Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com