Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1503AAC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LH1503AAC
Description  2 Form A Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1503AAC Datasheet(HTML) 4 Page - Vishay Siliconix

  LH1503AAC_11 Datasheet HTML 1Page - Vishay Siliconix LH1503AAC_11 Datasheet HTML 2Page - Vishay Siliconix LH1503AAC_11 Datasheet HTML 3Page - Vishay Siliconix LH1503AAC_11 Datasheet HTML 4Page - Vishay Siliconix LH1503AAC_11 Datasheet HTML 5Page - Vishay Siliconix LH1503AAC_11 Datasheet HTML 6Page - Vishay Siliconix LH1503AAC_11 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LH1503AAC, LH1503AACTR, LH1503AB
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 25-Jul-11
4
Document Number: 83807
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Variation in On-Resistance vs. LED Current
Fig. 8 - Switch Capacitance vs. Applied Voltage
Fig. 9 - Output Isolation
Fig. 10 - Leakage Current vs.
Applied Voltage at Elevated Temperatures
Fig. 11 - Insertion Loss vs. Frequency
Fig. 12 - Leakage Current vs. Applied Voltage
ilh1503ab_06
0
4
81212
20
1.5
0.5
- 0.5
1.0
0
LED Forward Current (mA)
I
L = 50 mA
ilh1503ab_07
020
40
80
60
100
Applied Voltage (V)
80
50
70
60
40
20
0
10
30
I
F = 0 mA
f = 1.0 MHz
ilh1503ab_08
Frequency (Hz)
100
80
60
40
20
0
102
103
104
105
106
107
V
P = 10 V
R
L = 50 Ω
ilh1503ab_09
Load Voltage (V)
3.0
2.5
2.0
1.0
0.5
1.5
0
0
50 100 150 200 250 300 350 400
85 °C
70 °C
50 °C
ilh1503ab_10
Frequency (Hz)
0.30
0
0.25
0.20
0.10
0.05
102
103
104
105
0.15
R
L = 600 Ω
ilh1503ab_11
90
0
50 100 150 200 250 300
Load Voltage (V)
70
80
60
40
30
50
20
10
0
350 400
IF = 0 mA
TA = 25 °C
100


Similar Part No. - LH1503AAC_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AACTR VISHAY-LH1503AACTR Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
LH1503AACTR VISHAY-LH1503AACTR Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
More results

Similar Description - LH1503AAC_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
   2 Form A Solid State Relay
logo
Vishay Siliconix
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com