Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1503AACTR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LH1503AACTR
Description  2 Form A Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1503AACTR Datasheet(HTML) 1 Page - Vishay Siliconix

  LH1503AACTR Datasheet HTML 1Page - Vishay Siliconix LH1503AACTR Datasheet HTML 2Page - Vishay Siliconix LH1503AACTR Datasheet HTML 3Page - Vishay Siliconix LH1503AACTR Datasheet HTML 4Page - Vishay Siliconix LH1503AACTR Datasheet HTML 5Page - Vishay Siliconix LH1503AACTR Datasheet HTML 6Page - Vishay Siliconix LH1503AACTR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LH1503AAC, LH1503AACTR, LH1503AB
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 25-Jul-11
1
Document Number: 83807
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
2 Form A Solid-State Relay
DESCRIPTION
The LH1503 relays are DPST normally open switches
(2 form A) that can replace electromechanical relays in many
applications. The relays are constructed using a GaAlAs
LED for actuation control and an integrated monolithic die
for the switch output. The die, fabricated in a high voltage
dielectrically isolated technology, is comprised of a
photodiode array, switch control circuity, and DMOS
switches. In addition, these relays employ current limiting
circuity, enabling them to pass lightning surge testing as
per ANSI/TIA-968-B and other regulatory voltage surge
requirements when overvoltage protection is provided.
FEATURES
• Current limit protection
• Isolation test voltage 5300 VRMS
• Typical RON 20 
• Load voltage 350 V
• Load current 110 mA
• High surge capability
• Clean bounce free switching
• Low power consumption
• High reliability monolithic receptor
• SMD lead available on tape and reel
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• General telecom switching
- On/off hook control
- Ring delay
- Dial pulse
- Ground start
- Ground fault protection
• Instrumentation
• Industrial controls
i179033-1
S2'
S2
S1
S1'
86
S2'
S2
S1
S1'
13
75
24
V
DE
i179034_2
DIP
SMD
AGENCY APPROVALS
UL1577: file no. E52744 system code H, double protection
CSA:
certification no. 093751
DIN EN:
60747-5-2
(VDE
0884)/60747-5-5
(pending),
available with option 1
ORDERING INFORMATION
L
H
1503
A
#
#
T
R
PART NUMBER
ELECTR.
VARIATION
PACKAGE
CONFIG.
TAPE AND
REEL
PACKAGE
UL, CSA
SMD-8, tubes
LH1503AAC
SMD-8, tape and reel
LH1503AACTR
DIP-8, tubes
LH1503AB
> 0.1 mm
7.62 mm
DIP
SMD


Similar Part No. - LH1503AACTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AACTR VISHAY-LH1503AACTR Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
LH1503AACTR VISHAY-LH1503AACTR Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
More results

Similar Description - LH1503AACTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
   2 Form A Solid State Relay
logo
Vishay Siliconix
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com