Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1503AB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1503AB
Description  2 Form A Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1503AB Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1503AB Datasheet HTML 1Page - Vishay Siliconix LH1503AB Datasheet HTML 2Page - Vishay Siliconix LH1503AB Datasheet HTML 3Page - Vishay Siliconix LH1503AB Datasheet HTML 4Page - Vishay Siliconix LH1503AB Datasheet HTML 5Page - Vishay Siliconix LH1503AB Datasheet HTML 6Page - Vishay Siliconix LH1503AB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LH1503AAC, LH1503AACTR, LH1503AB
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 25-Jul-11
3
Document Number: 83807
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Recommended Operating Conditions
Fig. 2 - LED Voltage vs. Temperature
Fig. 3 - LED Current for Switch Turn-on vs. Temperature
Fig. 4 - On-Resistance vs. Temperature
Fig. 5 - LED Dropout Voltage vs. Temperature
Fig. 6 - Current Limit vs. Temperature
ilh1503ab_00
60
80
0
40
110
100
20
- 40
- 20
0
20
40
60
80
Ambient Temperature (°C)
IFon = 3.0 mA
IFon = 5.0 mA
IFon = 7.0 mA
IFon = 8.0 to 20 mA
ilh1503ab_01
Ambient Temperature (°C)
- 40
- 20
0
20
40
60
80
1.6
1.5
1.4
1.3
1.2
1.1
1.0
IF = 1.0 mA
IF = 20 mA
IF
IF = 2.0 mA
IF = 5.0 mA
IF = 10 mA
= 50 mA
ilh1503ab_02
Ambient Temperature (°C)
100
- 60
80
60
40
- 40
- 40
- 20
0
20
40
60
80
20
- 20
0
I
L = 100 mA
ilh1503ab_03
- 40
- 20
0
20
40
60
80
50
10
30
20
40
- 20
- 30
- 10
- 40
0
Ambient Temperature (°C)
I
L = 50 mA
ilh1503ab_04
- 40
20
Ambient Temperature (°C)
1.20
1.15
1.10
0.95
1.00
40
1.05
80
60
- 20
0
Min.
Typ.
I
L = 100 mA
ilh1503ab_05
- 40
40
10
30
20
0
- 20
- 10
- 40
- 30
- 20
0
20
40
60
80
Ambient Temperature (°C)
I
F = 5.0 mA
t = 5.0 ms
V
L = see elec. char.


Similar Part No. - LH1503AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
LH1503AB VISHAY-LH1503AB Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
More results

Similar Description - LH1503AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
   2 Form A Solid State Relay
logo
Vishay Siliconix
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com