Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1512BAC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LH1512BAC
Description  Dual 1 Form A/B, C Solid State Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1512BAC Datasheet(HTML) 1 Page - Vishay Siliconix

  LH1512BAC Datasheet HTML 1Page - Vishay Siliconix LH1512BAC Datasheet HTML 2Page - Vishay Siliconix LH1512BAC Datasheet HTML 3Page - Vishay Siliconix LH1512BAC Datasheet HTML 4Page - Vishay Siliconix LH1512BAC Datasheet HTML 5Page - Vishay Siliconix LH1512BAC Datasheet HTML 6Page - Vishay Siliconix LH1512BAC Datasheet HTML 7Page - Vishay Siliconix LH1512BAC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LH1512BAC, LH1512BACTR, LH1512BB
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 07-Jul-11
1
Document Number: 83812
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual 1 Form A/B, C Solid State Relay
DESCRIPTION
The LH1512 relays contain normally open and normally
closed switches that can be used independently as a
1 form A and 1 form B relay, or when used together, as a
1 form C relay. The relays are constructed as a mult.-chip
hybrid device. Actuation control is via an infrared LED. The
output switch is a combination of a photodiode array with
MOSFET switches and control circuity.
FEATURES
• Current limit protection
• Isolation test voltage 3750 VRMS
• Typical RON 10 
• Load voltage 200 V
• Load current 200 mA
• High surge capability
• Clean bounce free switching
• Low power consumption
• SMD lead available on tape and reel
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• General telecom switching
- On/off hook control
- Ring delay
- Dial pulse
- Ground start
- Ground fault protection
• Instrumentation
• Industrial controls
86
13
75
24
S2'
S2
S1
S1'
S2'
S2
S1
S1'
i179034_2
DIP
SMD
AGENCY APPROVALS
UL1577: file no. E52744 system code H, double protection
CSA:
certification no. 093751
DIN EN:
60747-5-2 (VDE 0884)/60747-5-5 (pending),
available with option 1
FIMKO:
25419
ORDERING INFORMATION
L
H
1512
B
#
#
T
R
PART NUMBER
ELECTR.
VARIATION
PACKAGE
CONFIG.
TAPE AND
REEL
PACKAGE
UL, CSA, FIMKO
SMD-8, tubes
LH1512BAC
SMD-8, tape and reel
LH1512BACTR
DIP-8, tubes
LH1512BB
> 0.1 mm
7.62 mm
DIP
SMD


Similar Part No. - LH1512BAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1512BAC VISHAY-LH1512BAC Datasheet
114Kb / 7P
   Dual 1 Form A/B, C Solid State Relay
Revision 17-August-01
LH1512BAC VISHAY-LH1512BAC Datasheet
171Kb / 9P
   Dual 1 Form A/B, C Solid State Relay
Rev. 1.3, 01-Dec-05
LH1512BAC VISHAY-LH1512BAC Datasheet
233Kb / 10P
   Dual 1 Form A/B, C Solid-State Relay
Rev. 1.8, 13-Oct-2020
LH1512BAC VISHAY-LH1512BAC Datasheet
232Kb / 10P
   Dual 1 Form A/B, C Solid-State Relay
01-Jan-2022
LH1512BAC VISHAY-LH1512BAC Datasheet
233Kb / 10P
   Dual 1 Form A/B, C Solid-State Relay
01-Jan-2023
More results

Similar Description - LH1512BAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1512BA VISHAY-LH1512BA Datasheet
233Kb / 10P
   Dual 1 Form A/B, C Solid-State Relay
Rev. 1.8, 13-Oct-2020
LH1502BA VISHAY-LH1502BA Datasheet
215Kb / 7P
   Dual 1 Form A/B, C Solid-State Relay
Rev. 1.7, 13-Oct-2020
LH1512BAC VISHAY-LH1512BAC_05 Datasheet
171Kb / 9P
   Dual 1 Form A/B, C Solid State Relay
Rev. 1.3, 01-Dec-05
LH1502BAC VISHAY-LH1502BAC Datasheet
245Kb / 6P
   Dual 1 Form A/B, C Solid State Relay
Rev. 1.2, 01-Dec-05
LH1502BB VISHAY-LH1502BB_V01 Datasheet
215Kb / 7P
   Dual 1 Form A/B, C Solid-State Relay
01-Jan-2023
LH1502BAC VISHAY-LH1502BAC_V01 Datasheet
214Kb / 7P
   Dual 1 Form A/B, C Solid-State Relay
01-Jan-2022
LH1512BAC VISHAY-LH1512BAC_V01 Datasheet
232Kb / 10P
   Dual 1 Form A/B, C Solid-State Relay
01-Jan-2022
LH1512BAC VISHAY-LH1512BAC_V02 Datasheet
233Kb / 10P
   Dual 1 Form A/B, C Solid-State Relay
01-Jan-2023
LH1502BAC VISHAY-LH1502BAC_11 Datasheet
130Kb / 5P
   Dual 1 Form A/B, C Solid State Relay
Rev. 1.5, 07-Jul-11
LH1502BB VISHAY-LH1502BB Datasheet
368Kb / 3P
   Dual 1 Form A/B, C Solid State Relay
Revision 17-August-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com