Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1529AAC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # LH1529AAC
Description  Telecom Switch 1 Form A Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1529AAC Datasheet(HTML) 6 Page - Vishay Siliconix

  LH1529AAC Datasheet HTML 1Page - Vishay Siliconix LH1529AAC Datasheet HTML 2Page - Vishay Siliconix LH1529AAC Datasheet HTML 3Page - Vishay Siliconix LH1529AAC Datasheet HTML 4Page - Vishay Siliconix LH1529AAC Datasheet HTML 5Page - Vishay Siliconix LH1529AAC Datasheet HTML 6Page - Vishay Siliconix LH1529AAC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LH1529AAC, LH1529AACTR, LH1529BB, LH1529BAC, LH1529BACTR
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 03-Aug-11
6
Document Number: 83827
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
PACKAGE MARKING (example)
Note
• Tape and reel suffix (TR) is not part of the package marking.
i178008
pin one ID
6.81
6.48
9.91
9.63
1.14
0.76
4° typ.
2.54 typ.
10°
3° to 9°
7.62 typ.
0.56
0.46
0.30
0.20
3.30
2.79
3.81
3.30
0.89
0.51
6.35
5.84
4
3
2
1
0.79
1.27
5
6
78
DIP
ISO method A
i178009
pin one ID
9.91
9.63
1.14
0.78
1.02
0.51
typ.
0.25
0.10
3.81
3.30
2.54 typ.
1.27 typ.
7.80
7.52
8 typ.
10.03
9.52
0.79 typ.
6.81
6.48
radius
0.3 typ.
10°
3° to 7°
SMD
ISO method A
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
LH1529
V YWW H 68


Similar Part No. - LH1529AAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529AAC VISHAY-LH1529AAC Datasheet
200Kb / 7P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.2, 06-Oct-03
logo
Infineon Technologies A...
LH1529AAC INFINEON-LH1529AAC Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
logo
Vishay Siliconix
LH1529AACTR VISHAY-LH1529AACTR Datasheet
200Kb / 7P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.2, 06-Oct-03
logo
Infineon Technologies A...
LH1529AACTR INFINEON-LH1529AACTR Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
More results

Similar Description - LH1529AAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529AB VISHAY-LH1529AB Datasheet
200Kb / 7P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.2, 06-Oct-03
logo
Infineon Technologies A...
LH1529AB INFINEON-LH1529AB Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
logo
Vishay Siliconix
LH1529FPTR VISHAY-LH1529FPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
LH1529GP VISHAY-LH1529GP Datasheet
116Kb / 6P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1529FPTR VISHAY-LH1529FPTR_11 Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.7, 03-Aug-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com