Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1529FPTR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LH1529FPTR
Description  Telecom Switch - 1 Form A Solid-State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1529FPTR Datasheet(HTML) 1 Page - Vishay Siliconix

  LH1529FPTR_11 Datasheet HTML 1Page - Vishay Siliconix LH1529FPTR_11 Datasheet HTML 2Page - Vishay Siliconix LH1529FPTR_11 Datasheet HTML 3Page - Vishay Siliconix LH1529FPTR_11 Datasheet HTML 4Page - Vishay Siliconix LH1529FPTR_11 Datasheet HTML 5Page - Vishay Siliconix LH1529FPTR_11 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LH1529FPTR, LH1529GP, LH1529GPTR
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 03-Aug-11
1
Document Number: 83828
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Telecom Switch - 1 Form A Solid-State Relay
DESCRIPTION
The LH1529FP and LH1529GP telecom switches consist of
an optically coupled solid state relay (SSR) and a
bidirectional input optocoupler. The SSR is ideal for
performing switch hook and dial-pulse switching while the
optocoupler performs ring detection and loop current
sensing functions. Both the SSR and optocoupler provide
3000 VRMS of input to output isolation.
The SSR is integrated on a monolithic receptor die using
high voltage technology. The SSR features low on
resistance, high breakdown voltage and current-limit
circuitry that protects the relay from telephone line induced
lightning surges.
The optocoupler provides bidirectional current sensing via
two anti parallel GaAs infrared emitting diodes. The opto
channel provides a minimum CTR of 33 % at 6 mA.
The LH1529FP and LH1529GP come in an 8 pin, 0.080"
thick plastic flat pak, SMD.
FEATURES
• Solid-state relay and optocoupler in one
package
• Surface mount package - new flat pak
• Isolation test voltage, 3000 VRMS
• LH1529FP, CTR min. = 33 %
• LH1529GP, CTR min. = 100 %
• Optocoupler
- Bidirectional current detection
• Solid-state relay (equivalent to TS117P)
- Typical RON 20 
- Load voltage 350 V
- Load current 120 mA
- Current limit protection
- High surge capability
- Clean bounce free switching
- Low power consumption
- High reliability monolithic detector
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• PCMCIA/Notebook
• General telecom switching
- On/off hook control
- Dial pulse
- Ring current detection
- Loop current sensing
Note
• See “solid-state relays” (application note 56)
S
S'
1
2
3
45
6
7
8
i179050-1
AGENCY APPROVALS
UL1577: file no. E52744 system code O, double protection
DIN EN:
60747-5-2 (VDE 0884)/60747-5-5 (pending),
available with option 1
FIMKO:
approval
ORDERING INFORMATION
L
H
152
9##
T
R
PART NUMBER
PACKAGE
CONFIG.
TAPE AND
REEL
PACKAGE
UL, FIMKO
SMD-8, tape and reel
LH1529FPTR
SMD-8, tubes
LH1529GP
SMD-8, tape and reel
LH1529GPTR
7 mm
SMD-#


Similar Part No. - LH1529FPTR_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529FPTR VISHAY-LH1529FPTR Datasheet
116Kb / 6P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1529FPTR VISHAY-LH1529FPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
More results

Similar Description - LH1529FPTR_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529AB VISHAY-LH1529AB Datasheet
200Kb / 7P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.2, 06-Oct-03
logo
Infineon Technologies A...
LH1529AB INFINEON-LH1529AB Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
logo
Vishay Siliconix
LH1529FPTR VISHAY-LH1529FPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
LH1529AAC VISHAY-LH1529AAC_11 Datasheet
162Kb / 7P
   Telecom Switch 1 Form A Solid-State Relay
Rev. 1.5, 03-Aug-11
LH1529GP VISHAY-LH1529GP Datasheet
116Kb / 6P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com