Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1529BB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1529BB
Description  Telecom Switch 1 Form A Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1529BB Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1529BB Datasheet HTML 1Page - Vishay Siliconix LH1529BB Datasheet HTML 2Page - Vishay Siliconix LH1529BB Datasheet HTML 3Page - Vishay Siliconix LH1529BB Datasheet HTML 4Page - Vishay Siliconix LH1529BB Datasheet HTML 5Page - Vishay Siliconix LH1529BB Datasheet HTML 6Page - Vishay Siliconix LH1529BB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LH1529AAC, LH1529AACTR, LH1529BB, LH1529BAC, LH1529BACTR
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 03-Aug-11
3
Document Number: 83827
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Recommended Operating Conditions
Fig. 2 - LED Voltage vs. Temperature
OPTOCOUPLER
LED forward current
IF = 10 mA
VF
0.9
1.2
1.5
V
Saturation voltage
IF = 16 mA, IC = 2 mA
VCEsat
0.7
0.5
V
Collector emitter dark current
IF = 0 mA, VCE = 5 V
ICEO
500
nA
Trickle current leakage
IF = 5 μA, VCE = 5 V
ICEO
1μA
DC current transfer ratio
IF = 6 mA, VCE = 0.5 V
LH1529AAC,
LH1529AACTR
CTRDC
33
100
%
LH1529BB
CTRDC
100
165
%
LH1529BAC,
LH1529BACTR
CTRDC
100
165
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IF = 5 mA, IL = 50 mA
LH1529AAC,
LH1529AACTR
ton
23
ms
LH1529BB
ton
1.3
2.5
ms
LH1529BAC,
LH1529BACTR
ton
1.3
2.5
ms
Turn-off time
IF = 5 mA, IL = 50 mA
LH1529AAC,
LH1529AACTR
toff
0.6
3
ms
LH1529BB
toff
0.6
2.5
ms
LH1529BAC,
LH1529BACTR
toff
0.6
2.5
ms
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
ilh1529ab_00
120
90
60
30
- 40
- 20
020
40
60
80
Ambient Temperature (°C)
0
150
IFon = 5 mA
to 20 mA
IFon = 2 mA
IFon = 3 mA
IFon = 4 mA
ilh1529ab_01
TA - Ambient Temperature (°C)
- 40
- 20
0
1.6
1.5
1.4
1.0
20
1.3
60
40
1.2
1.1
80
I
F = 50 mA
I
F = 1 mA
I
F = 20 mA
I
F = 2 mA
I
F = 10 mA
I
F = 5 mA


Similar Part No. - LH1529BB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529BB VISHAY-LH1529BB Datasheet
200Kb / 7P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.2, 06-Oct-03
logo
Infineon Technologies A...
LH1529BB INFINEON-LH1529BB Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
More results

Similar Description - LH1529BB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529AB VISHAY-LH1529AB Datasheet
200Kb / 7P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.2, 06-Oct-03
logo
Infineon Technologies A...
LH1529AB INFINEON-LH1529AB Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
logo
Vishay Siliconix
LH1529FPTR VISHAY-LH1529FPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
LH1529GP VISHAY-LH1529GP Datasheet
116Kb / 6P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1529FPTR VISHAY-LH1529FPTR_11 Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.7, 03-Aug-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com