Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1532FP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LH1532FP
Description  Dual 1 Form A Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1532FP Datasheet(HTML) 1 Page - Vishay Siliconix

  LH1532FP_11 Datasheet HTML 1Page - Vishay Siliconix LH1532FP_11 Datasheet HTML 2Page - Vishay Siliconix LH1532FP_11 Datasheet HTML 3Page - Vishay Siliconix LH1532FP_11 Datasheet HTML 4Page - Vishay Siliconix LH1532FP_11 Datasheet HTML 5Page - Vishay Siliconix LH1532FP_11 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LH1532FP, LH1532FPTR
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 07-Jul-11
1
Document Number: 83830
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual 1 Form A Solid State Relay
DESCRIPTION
The LH1532FP is a dual 1 form A (SPST) which can replace
electromechanical relays in many applications. They are
constructed using a GaAlAs LED for activation control and
an integrated monolithic die for the switch output. The die is
comprised of a photodiode array, switch control circuity and
MOSFET switches. The SSR features low on-resistance,
high breakdown voltage and current-limit circuitry that
protects the relay from telephone line induced lightning
surges.
FEATURES
• Solid-state relay (equivalent to AQW210S)
- Typical RON 20 
- Load voltage 350 V
- Load current 120 mA
- Current limit protection
- High surge capability
- Clean bounce free switching
- Low power consumption
- High reliability monolithic receptor
• Two independent relays in a single package
•Package - flat pak
• Isolation test voltage, 3000 VRMS
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• General telecom switching
- On/off hook control
- Ring relay
- Ground start
• Industrial controls
- Triac predriver
- Output modules
• Peripherals
- Transducer driver
• Instrumentation
- Automatic tuning/balancing
- Flying capacitor
- Analog multiplexing
Note
• See “solid state relays” (application note 56)
AGENCY APPROVALS
UL1577: file no. E52744 system code O
DIN EN:
60747-5-2 (VDE 0884)/60747-5-5 (pending),
available with option 1
FIMKO:
approval
8
6
7
5
1
3
2
4
S2'
S2
S1
S1'
i179050-1
ORDERING INFORMATION
L
H
1
532
F
P
T
R
PART NUMBER
PACKAGE
CONFIG.
TAPE AND
REEL
PACKAGE
UL, FIMKO
SOP-8, tubes
LH1532FP
SOP-8, tape and reel
LH1532FPTR
7 mm
SMD-#


Similar Part No. - LH1532FP_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
More results

Similar Description - LH1532FP_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
LH1532AAC VISHAY-LH1532AAC_11 Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1556AAC VISHAY-LH1556AAC_11 Datasheet
163Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com