Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS170W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAS170W
Description  Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS170W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAS170W Datasheet HTML 1Page - Siemens Semiconductor Group BAS170W Datasheet HTML 2Page - Siemens Semiconductor Group BAS170W Datasheet HTML 3Page - Siemens Semiconductor Group BAS170W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS 170W
Semiconductor Group
1
Edition A01, 11.07.94
ESD: Electrostastic discharge sensitive device, observe handling precautions!
Type
Marking
Ordering Code
(tape and reel)
Pin Configuration
1
2
Package 1)
BAS 170W
7
Q62702-A1072
A
C
SOD-323
Maximum Ratings
Parameter
Symbol
BAS 170W
Unit
Reverse voltage
VR
70
V
Forward current
IF
70
mA
Surge forward current, t
≤ 10 ms
IFSM
100
mA
Total Power dissipation TS ≤ 97°C
Ptot
250
mW
Operating temperature range
Top
-55 +150°C
°C
Storage temperature range
Tstg
-55...+150°C
°C
Thermal Resistance
Junction-ambient
1)
Rth JA
≤ 320
K/W
Junction-soldering point
Rth JS
≤ 210
K/W
_________________________________
1) Package mounted on an epoxy pcb 40mm x 40mm x 1.5mm/1cm2 Cu
Silicon Schottky Diode
l General-purpose diodes for high-speed switching
l Circuit protection
l Voltage clamping
l High-level detecting and mixing
l Small package SOD-323


Similar Part No. - BAS170W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS170W INFINEON-BAS170W Datasheet
553Kb / 12P
   Silicon Schottky Diode
Feb-03-2003
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAS170W INFINEON-BAS170W Datasheet
271Kb / 23P
   Silicon Schottky Diode
2007-09-19
BAS170W INFINEON-BAS170W Datasheet
1Mb / 24P
   Silicon Schottky Diode
2014-02-13
logo
Vishay Siliconix
BAS170WS VISHAY-BAS170WS Datasheet
70Kb / 4P
   Schottky Diodes
Rev. 1.2, 18-Nov-03
More results

Similar Description - BAS170W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS70W SIEMENS-BAS70W Datasheet
172Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40- SIEMENS-BAS40- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS70-04S SIEMENS-BAS70-04S Datasheet
45Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70-06S SIEMENS-BAS70-06S Datasheet
46Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS40-07W SIEMENS-BAS40-07W Datasheet
112Kb / 4P
   Silicon Schottky Diode Preliminary data (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS140W SIEMENS-BAS140W Datasheet
142Kb / 4P
   Silicon Schottky Diode (General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70- SIEMENS-BAS70- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70-07W SIEMENS-BAS70-07W Datasheet
42Kb / 4P
   Silicon Schottky Diode (General-purpose diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com