Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1544AACTR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LH1544AACTR
Description  Dual 1 Form A Solid State Relay (Low Capacitance)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1544AACTR Datasheet(HTML) 1 Page - Vishay Siliconix

  LH1544AACTR Datasheet HTML 1Page - Vishay Siliconix LH1544AACTR Datasheet HTML 2Page - Vishay Siliconix LH1544AACTR Datasheet HTML 3Page - Vishay Siliconix LH1544AACTR Datasheet HTML 4Page - Vishay Siliconix LH1544AACTR Datasheet HTML 5Page - Vishay Siliconix LH1544AACTR Datasheet HTML 6Page - Vishay Siliconix LH1544AACTR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 83835
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.6, 17-Mar-11
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual 1 Form A Solid State Relay (Low Capacitance)
LH1544AAC, LH1544AACTR, LH1544AB
Vishay Semiconductors
DESCRIPTION
These dual SSRs (LH1544, dual 1 form A) are SPST normally
open switches which can replace electromechanical relays
in many applications. The relays provide a low-capacitance,
high-voltage switch contact with high off-resistance and low
switch-offset voltage. These characteristics, combined with
high-speed actuation, result in an SSR which is ideal for
small signal and DC instrumentation applications.
The relays are constructed by using a GaAlAs LED for
actuation control and an integrated monolithic die for the
switch output. The die is comprised of a photodiode array,
switch-control circuity, and low-capacitance MOSFET
switches.
FEATURES
• Dual channel, LH1541 type
• Low capacitance switch (5 pF)
• Isolation test voltage 5300 VRMS
• Extremely high off-resistance
• Load voltage 200 V
• Clean bounce free switching
• Low power consumption
• High reliability monolithic detector
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• Instrumentation
- Thermocouple switching
- Analog multiplexing
• Reed relay replacement
• Programmable logic controllers
• Data acquisition
• Test equipment
i179034_9
13
24
86
75
S2'
S2
S1
S1'
S2'
S2
S1
S1'
V
DE
i179034_2
DIP
SMD
AGENCY APPROVALS
UL1577:
file no. E52744 system code H, double
protection
CSA:
certification no. 093751
BSI/BABT: certification no. 7980
DIN EN:
60747-5-2 (VDE 0884)/60747-5-5 (pending),
available with option 1
FIMKO:
approval
ORDERING INFORMATION
L
H
1544
A
#
#
T
R
PART NUMBER
ELECTR.
VARIATION
PACKAGE
CONFIG.
TAPE AND
REEL
PACKAGE
UL, CSA, BSI, VDE, FIMKO
SMD-8, tubes
LH1544AAC
SMD-8, tape and reel
LH1544AACTR
DIP-8, tubes
LH1544AB
> 0.1 mm
7.62 mm
DIP
SMD


Similar Part No. - LH1544AACTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1544AACTR VISHAY-LH1544AACTR Datasheet
172Kb / 8P
   Dual 1 Form A Solid State Relay (Low Capacitance)
Rev. 1.3, 26-Oct-04
More results

Similar Description - LH1544AACTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1544AAC VISHAY-LH1544AAC Datasheet
172Kb / 8P
   Dual 1 Form A Solid State Relay (Low Capacitance)
Rev. 1.3, 26-Oct-04
LH1541AAB1 VISHAY-LH1541AAB1_06 Datasheet
141Kb / 8P
   1 Form A Solid State Relay (Low Capacitance)
Rev. 1.4, 05-Oct-06
LH1541AT1 VISHAY-LH1541AT1 Datasheet
389Kb / 5P
   1 Form A Solid State Relay(Low Capacitance)
Revision 17-August-01
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com