Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1550AAB1TR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # LH1550AAB1TR
Description  1 Form A High-Voltage Solid-State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1550AAB1TR Datasheet(HTML) 5 Page - Vishay Siliconix

  LH1550AAB1TR Datasheet HTML 1Page - Vishay Siliconix LH1550AAB1TR Datasheet HTML 2Page - Vishay Siliconix LH1550AAB1TR Datasheet HTML 3Page - Vishay Siliconix LH1550AAB1TR Datasheet HTML 4Page - Vishay Siliconix LH1550AAB1TR Datasheet HTML 5Page - Vishay Siliconix LH1550AAB1TR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LH1550AAB1, LH1550AAB1TR, LH1550AT1
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 25-Jul-11
5
Document Number: 83841
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE MARKING
Note
• Tape and reel suffix (TR) is not part of the package marking.
8.71
8.51
6.50
6.30
Pin one ID
0.99 min.
3.81
3.30
2.54
1.33
1.22
1.016
0.508
0.25
0.10
0.31
0.20
7.62 typ.
10.03
9.63
3° to 7°
18°
8 min.
1.27 typ.
SMD
ISO method A
i178002
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
LH1550
V YWW H 68


Similar Part No. - LH1550AAB1TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1550AAB1TR VISHAY-LH1550AAB1TR Datasheet
126Kb / 6P
   1 Form A High-Voltage Solid State Relay
Rev. 1.5, 26-Oct-04
LH1550AAB1TR VISHAY-LH1550AAB1TR Datasheet
190Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.0, 05-Jul-2018
LH1550AAB1TR VISHAY-LH1550AAB1TR Datasheet
189Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1550AAB1TR VISHAY-LH1550AAB1TR Datasheet
190Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1550AAB1TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1550AT1 VISHAY-LH1550AT1 Datasheet
126Kb / 6P
   1 Form A High-Voltage Solid State Relay
Rev. 1.5, 26-Oct-04
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com