Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1100T-I Datasheet(PDF) 9 Page - Microchip Technology

Part # AR1100T-I
Description  AR1100 Resistive USB and RS-232 Touch Screen Controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1100T-I Datasheet(HTML) 9 Page - Microchip Technology

Back Button AR1100T-I Datasheet HTML 5Page - Microchip Technology AR1100T-I Datasheet HTML 6Page - Microchip Technology AR1100T-I Datasheet HTML 7Page - Microchip Technology AR1100T-I Datasheet HTML 8Page - Microchip Technology AR1100T-I Datasheet HTML 9Page - Microchip Technology AR1100T-I Datasheet HTML 10Page - Microchip Technology AR1100T-I Datasheet HTML 11Page - Microchip Technology AR1100T-I Datasheet HTML 12Page - Microchip Technology AR1100T-I Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
 2011 Microchip Technology Inc.
DS41606B-page 9
AR1100 RESISTIVE USB AND RS-232 TOUCH SCREEN CONTROLLER
3.0
HARDWARE
3.1
Pin Assignments
TABLE 3-1:
PIN ASSIGNMENTS
Pin
Function
Description/Comments
SSOP, SOIC
QFN
118
VDD
Power
2
19
OSC1
Oscillator
3
20
OSC2
Oscillator
41
MODE
GND: 5-Wire
Open: 4-/8-Wire
5
2
LED
Led control
6
3
(Y+)
Sensor connection
4W: n/a
5W: n/a
8W: Y+
7
4
X+
Sensor connection
8
5
SY-
Sensor connection
9
6
SX+
Sensor connection
10
7
UART-TX
UART Transmit Data
11
8
WAKE
Wake pin
12
9
UART-RX
UART Receive Data
13
10
SX-
Sensor connection
4W: n/a
5W: WSX-
8W: SX-
14
11
X-
Sensor connection
15
12
Y+(SY+)
Sensor connection
4W: Y+
5W: Y+
8W: SY+
16
13
Y-
Sensor connection
17
14
VUSB
USB Internal Voltage Reference
18
15
USB-D-
USB data I/O
19
16
USB-D+
USB data I/O
20
17
VSS
GND


Similar Part No. - AR1100T-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR1100-IMQ ETC2-AR1100-IMQ Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
More results

Similar Description - AR1100T-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com