Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-A3468 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-A3468
Description  Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-A3468 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-A3468 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-A3468 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-A3468 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-A3468 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS 70-04S
Semiconductor Group
Sep-07-1998
3
Forward current
IF = f (VF)
TA = Parameter
0.0
EHB00042
BAS 70W/BAS 170W
Ι
V
F
F
10 -1
-2
10
0
10
1
10
2
10
mA
0.5
1.0
V
1.5
TA = -40 C
25 C
85 C
150 C
Reverse current
IR = f (VR)
TA = Parameter
0
EHB00043
Ι
V
R
R
10 -1
-3
10
0
10
1
10
2
10
A
10 -2
20
40
60
V
80
TA = 150 C
85 C
25 C
µ
BAS 70W/BAS 170W
Diode capacitance
CT = f (VR)
f = 1MHz
0
0.0
EHB00044
C
V
R
T
20
40
60
V
80
0.5
1.0
1.5
pF
2.0
BAS 70W/BAS 170W
Differential forward resistance
rf = f (IF)
f = 10 kHz
0.1
10
EHB00045
r
Ι
f
1
10
mA
100
F
0
1
10
2
10
3
10
BAS 70W/BAS 170W
Semiconductor Group
3
1998-11-01


Similar Part No. - Q62702-A3468

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A3461 SIEMENS-Q62702-A3461 Datasheet
79Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
Q62702-A3466 SIEMENS-Q62702-A3466 Datasheet
37Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Electrical insulated diodes)
Q62702-A3469 SIEMENS-Q62702-A3469 Datasheet
46Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
More results

Similar Description - Q62702-A3468

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS70-06S SIEMENS-BAS70-06S Datasheet
46Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70W SIEMENS-BAS70W Datasheet
172Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS170W SIEMENS-BAS170W Datasheet
96Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40-07W SIEMENS-BAS40-07W Datasheet
112Kb / 4P
   Silicon Schottky Diode Preliminary data (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70-07W SIEMENS-BAS70-07W Datasheet
42Kb / 4P
   Silicon Schottky Diode (General-purpose diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS40- SIEMENS-BAS40- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS140W SIEMENS-BAS140W Datasheet
142Kb / 4P
   Silicon Schottky Diode (General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70- SIEMENS-BAS70- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
logo
Infineon Technologies A...
BAS40-04-E6327 INFINEON-BAS40-04-E6327 Datasheet
990Kb / 15P
   General-purpose diode for high-speed switching
2013-01-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com