Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS600H47R0JB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LPS600H47R0JB
Description  Power Resistor for Mounting onto a Heatsink Thick Film Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPS600H47R0JB Datasheet(HTML) 2 Page - Vishay Siliconix

  LPS600H47R0JB Datasheet HTML 1Page - Vishay Siliconix LPS600H47R0JB Datasheet HTML 2Page - Vishay Siliconix LPS600H47R0JB Datasheet HTML 3Page - Vishay Siliconix LPS600H47R0JB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 50053
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 27-Oct-10
65
LPS 600
Power Resistor for Mounting onto a Heatsink
Thick Film Technology
Vishay Sfernice
RECOMMENDATIONS FOR MOUNTING ONTO A HEATSINK
• Surfaces in contact must be carefully cleaned.
• The heatsink must have an acceptable flatness: From 0.05 mm to 0.1 mm/100 mm.
• Roughness of the heatsink must be around 6.3 µm. In order to improve thermal conductivity, surfaces in contact (alumina,
heatsink) should be coated with a silicone grease (type SI 340 from Rhône-Poulenc or Dow 340 from Dow Corning) or a thermal
film (type Q Pad II) easier and faster to install than the grease.
• The fastening of the resistor to the heatsink is under pressure control of two screws tightened at 2 Nm for full power availability.
• The following accessories are supplied with each product: 2 screws CHC M4 x 25 class 8.8 and 2 M4 contact lock washers for
heatsink mounting,
2 screws TH M4 x 6/6 and 2 M4 contact lock washers for
connections.
CHOICE OF THE HEATSINK
The user must choose the heatsink according to the working conditions of the component (power, room temperature). Maximum
working temperature must not exceed 155 °C. The dissipated power is simply calculated by the following ratio:
P:
Expressed in W
ΔT:
Difference between maximum working temperature and room temperature
RTH (j - c):
Thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal
resistance of the component: (see specifications environmental paragraph).
RTH (c - a):
Thermal resistance value measured between outer side of the resistor and room temperature. It is the thermal
resistance of the thermal interface, the heatsink (type, shape) and the quality of the fastening device.
Example:
RTH (c - a) for LPS 600 power dissipation 180 W at + 50 °C room temperature.
ΔT ≤ 155 °C - 50 °C = 105 °C
RTH (j - c) + RTH (c - a) =
=
= 0.58 °C/W
RTH (j - c) = 0.112 °C/W
RTH (c - a) = 0.58 °C/W - 0.112 °C/W = 0.468 °C/W
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
Momentary Overload
IEC 60115-1
2 x
Pr/10 s
Umax.
≤ UL = 5000 V
± (0.25 % + 0.05
Ω)
Rapid Temperature Change
IEC 60115-1/IEC 60068-2-14 Test Na
50 cycles
- 55 °C to + 155 °C
± (0.5 % + 0.05
Ω)
Load Life
IEC 60115-1
1000 h (90/30)
Pr at 85 °C
± (0.5 % + 0.05
Ω)
Humidity (Steady State)
IEC 60115-1
56 days RH 95 %/40 °C
± (0.5 % + 0.05
Ω)
Vibration
MIL STD 202 Method 204 Cond. D
(10
g; 5/500 Hz)
± (0.25 % + 0.05
Ω)
Climatic Sequence
IEC 60115-1
(55/155/56)
± (1 % + 0.05
Ω)
Tightening Torque on Heatsink
LPS 300
2 Nm
P
ΔT
R
TH (j - c)
R
TH (c - a)
+
[]
----------------------------------------------------------
=
ΔT
P
-------
105
180
----------


Similar Part No. - LPS600H47R0JB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
More results

Similar Description - LPS600H47R0JB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RCH VISHAY-RCH Datasheet
125Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 06-Jul-15
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
LPS300 VISHAY-LPS300 Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
   Power Resistor for Mounting Onto a Heatsink Thick Film Technology
01-Jan-2022
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
RPS500 VISHAY-RPS500_15 Datasheet
91Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com