Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR40H100WT-F Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBR40H100WT-F
Description  High Performance Schottky Generation 5.0, 2 x 20 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR40H100WT-F Datasheet(HTML) 4 Page - Vishay Siliconix

  MBR40H100WT-F Datasheet HTML 1Page - Vishay Siliconix MBR40H100WT-F Datasheet HTML 2Page - Vishay Siliconix MBR40H100WT-F Datasheet HTML 3Page - Vishay Siliconix MBR40H100WT-F Datasheet HTML 4Page - Vishay Siliconix MBR40H100WT-F Datasheet HTML 5Page - Vishay Siliconix MBR40H100WT-F Datasheet HTML 6Page - Vishay Siliconix MBR40H100WT-F Datasheet HTML 7Page - Vishay Siliconix MBR40H100WT-F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94652
4
Revision: 10-Dec-08
MBR40H100WT-F
Vishay High Power Products
High Performance
Schottky Generation 5.0, 2 x 20 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
AverageForwardCurrent-IF
(AV)(A)
0
5
10
15
20
25
30
80
90
100
110
120
130
140
150
160
170
180
DC
Square wave (D=0.50)
80% rated Vr applied
see note (1)
AverageForwardCurrent-IF
(AV)(A)
0
5
10
15
20
25
30
0
5
10
15
20
180°
120°
90°
60°
30°
DC
RMS Limit
SquareWavePulseDuration-t
p (microsec)
10
100
1000
10000
100
1000


Similar Part No. - MBR40H100WT-F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40H100WT ONSEMI-MBR40H100WT Datasheet
65Kb / 6P
   SWITCHMODE??Power Rectifier 100 V, 40 A
September, 2005 ??Rev. 0
MBR40H100WT ONSEMI-MBR40H100WT Datasheet
109Kb / 6P
   SWITCHMODE Power Rectifier100 V, 40 A
August, 2006 ??Rev. 1
MBR40H100WT ONSEMI-MBR40H100WT Datasheet
134Kb / 6P
   SWITCHMODE??Power Rectifier
March, 2010 ??Rev. 4
logo
Inchange Semiconductor ...
MBR40H100WT ISC-MBR40H100WT Datasheet
249Kb / 2P
   Schottky Barrier Rectifier
logo
ON Semiconductor
MBR40H100WTG ONSEMI-MBR40H100WTG Datasheet
65Kb / 6P
   SWITCHMODE??Power Rectifier 100 V, 40 A
September, 2005 ??Rev. 0
More results

Similar Description - MBR40H100WT-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
43CTT100 VISHAY-43CTT100_08 Datasheet
128Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 08-Sep-08
40CPT080-F VISHAY-40CPT080-F Datasheet
148Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
43CTT100 VISHAY-43CTT100_12 Datasheet
162Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 08-Sep-08
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 01-Oct-09
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
6CUT10-E VISHAY-6CUT10-E_12 Datasheet
136Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 03-Nov-11
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 19-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com