Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70-04W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAS70-04W
Description  Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS70-04W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAS70-04W Datasheet HTML 1Page - Siemens Semiconductor Group BAS70-04W Datasheet HTML 2Page - Siemens Semiconductor Group BAS70-04W Datasheet HTML 3Page - Siemens Semiconductor Group BAS70-04W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
10.94
Type
Ordering Code
Pin Configuration
Marking
Package1)
(tape and reel)
1
2
3
BAS 70-04W
BAS 70-05W
BAS 70-06W
Q62702-A1068
Q62702-A1069
Q62702-A1070
A1
A1
C1
C2
A2
C2
C1/A2
C1/C2
A1/A2
74s
75s
76s
SOT-323
Maximum Ratings
Parameter
Symbol
Values
Unit
Reverse voltage
V
R
70
V
Forward current
I
F
70
mA
Surge forward current,
t
≤ 10 ms
I
FSM
100
mA
Total power dissipation
T
S ≤ 91 °C
P
tot
250
mW
Operating temperature range
T
op
– 55 … + 150
°C
Storage temperature range
T
stg
– 55 … + 150
°C
Thermal Resistance
Junction-ambient1)
R
th JA
≤ 455
K/W
Junction-soldering point
R
th JS
≤ 235
K/W
1) Package mounted on an epoxy pcb 40 mm x 40 mm x 1.5 mm/1cm2 Cu.
Silicon Schottky Diode
BAS 70W
q
General-purpose diodes for
high-speed switching
q
Circuit protection
q
Voltage clamping
q
High-level detection and mixing


Similar Part No. - BAS70-04W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-04W PHILIPS-BAS70-04W Datasheet
55Kb / 8P
   Schottky barrier double diodes
1999 Mar 26
logo
FutureWafer Tech Co.,Lt...
BAS70-04W FUTUREWAFER-BAS70-04W Datasheet
2Mb / 18P
   Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
STMicroelectronics
BAS70-04W STMICROELECTRONICS-BAS70-04W Datasheet
50Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Nexperia B.V. All right...
BAS70-04W NEXPERIA-BAS70-04W Datasheet
1Mb / 8P
   General-purpose dual Schottky diode
January 2023
logo
Infineon Technologies A...
BAS70-04W INFINEON-BAS70-04W Datasheet
553Kb / 12P
   Silicon Schottky Diode
Feb-03-2003
More results

Similar Description - BAS70-04W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS170W SIEMENS-BAS170W Datasheet
96Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40- SIEMENS-BAS40- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS70-04S SIEMENS-BAS70-04S Datasheet
45Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70-06S SIEMENS-BAS70-06S Datasheet
46Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS40-07W SIEMENS-BAS40-07W Datasheet
112Kb / 4P
   Silicon Schottky Diode Preliminary data (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS140W SIEMENS-BAS140W Datasheet
142Kb / 4P
   Silicon Schottky Diode (General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70- SIEMENS-BAS70- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70-07W SIEMENS-BAS70-07W Datasheet
42Kb / 4P
   Silicon Schottky Diode (General-purpose diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com