Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2P13FACAF0100 Datasheet(PDF) 1 Page - Unictron Technologies Corporation

Part # H2P13FACAF0100
Description  1575.42 MHz GPS ceramic patch antenna
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNICTRON [Unictron Technologies Corporation]
Direct Link  http://www.unictron.com
Logo UNICTRON - Unictron Technologies Corporation

H2P13FACAF0100 Datasheet(HTML) 1 Page - Unictron Technologies Corporation

  H2P13FACAF0100 Datasheet HTML 1Page - Unictron Technologies Corporation H2P13FACAF0100 Datasheet HTML 2Page - Unictron Technologies Corporation H2P13FACAF0100 Datasheet HTML 3Page - Unictron Technologies Corporation H2P13FACAF0100 Datasheet HTML 4Page - Unictron Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tolerances (Unless otherwise specified)
X : ± 1
X.X : ± 0.1
X.XX : ± 0.01
Angle : ±
Hole Dia. : ±
Unictron Technologies Corporation
Website:www.unictron.com
Scale :
Unit:mm
Prepared By : Meiping
Checked By :
Chinling
Designed By : Chinling
Approved By :
Herbert
THIS
SPECIFICATION
IS
THE
PROPERTY
OF
UNICTRON
TECHNOLOGIES CORPORATION AND SHALL NOT BE REPRODUCED
OR USED IN ALL CIRCUMSTANCES WITHOUT WRITTEN PERMISSION
DOCUMENT
REV.
TITLE:15*15*2 Ceramic Patch Antenna
(Standard)
NO.
H2P13FACAF0100
A
PAGE
1
OF
4
H
2
A
3
F
C
F
1
0
P
1
(1)
(2)
(3)
(4)
(5)
(6)
0
A
0
15x15x2 Ceramic Patch Antenna (Standard)
1. Explanation of Product Number
Product Code:
(1) Product Categories:
3: ceramic patch antenna
(2) Dimensions and Polarization:
FA: 15x15x02 (mm)/right hand circular polarization
(3) Material:
C: MA-FL
(4) Working Frequency:
A: 1575.42MHz
(5) Ground Plane Dimensions:
F: 30x30(mm)
(6) Antenna Series:
01: serial number
2010-08-04


Similar Part No. - H2P13FACAF0100

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2P13AAAAB0300 UNICTRON-H2P13AAAAB0300 Datasheet
219Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13BAAAB0100 UNICTRON-H2P13BAAAB0100 Datasheet
226Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13CABAC0100 UNICTRON-H2P13CABAC0100 Datasheet
219Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13DABAC0100 UNICTRON-H2P13DABAC0100 Datasheet
233Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13EACAF0100 UNICTRON-H2P13EACAF0100 Datasheet
219Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
More results

Similar Description - H2P13FACAF0100

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2P13HAEAG0200 UNICTRON-H2P13HAEAG0200 Datasheet
200Kb / 4P
   1575.42 MHz GPS ceramic patch antenna
H2P13AAAAB0300 UNICTRON-H2P13AAAAB0300 Datasheet
219Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13TBDAS0100 UNICTRON-H2P13TBDAS0100 Datasheet
161Kb / 4P
   1575.42 MHz GPS ceramic patch antenna
H2P13EACAF0100 UNICTRON-H2P13EACAF0100 Datasheet
219Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13QBDAG0100 UNICTRON-H2P13QBDAG0100 Datasheet
194Kb / 4P
   1575.42 MHz GPS ceramic patch antenna
H2P13BAAAB0100 UNICTRON-H2P13BAAAB0100 Datasheet
226Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13LBFAG0100 UNICTRON-H2P13LBFAG0100 Datasheet
216Kb / 4P
   1575.42 MHz GPS ceramic patch antenna
H2P13QHCAS0100 UNICTRON-H2P13QHCAS0100 Datasheet
240Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13KBEAG0100 UNICTRON-H2P13KBEAG0100 Datasheet
210Kb / 4P
   1575.42 MHz GPS ceramic patch antenna
H2P13CABAC0100 UNICTRON-H2P13CABAC0100 Datasheet
219Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com