Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP146 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TIP146
Description  Silicon PNP Darlington Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP146 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP146 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP146 Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP146 Datasheet HTML 3Page - Inchange Semiconductor Company Limited TIP146 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Darlington Power Transistors
TIP145/146/147
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP145
-60
TIP146
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP147
IC=-30mA, IB=0
-100
V
VCEsat-1
Collector-emitter saturation voltage
IC=-5A ,IB=-10mA
-2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=-10A ,IB=-40mA
-3.0
V
VBEsat
Base-emitter saturation voltage
IC=-10A ,IB=-40mA
-3.5
V
VBE
Base-emitter on voltage
IC=-10A ; VCE=-4V
-3.0
V
TIP145
VCB=-60V, IE=0
TIP146
VCB=-80V, IE=0
ICBO
Collector cut-off current
TIP147
VCB=-100V, IE=0
-1
mA
TIP145
VCE=-30V, IB=0
TIP146
VCE=-40V, IB=0
ICEO
Collector cut-off current
TIP147
VCE=-50V, IB=0
-2
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-2
mA
hFE-1
DC current gain
IC=-5A ; VCE=-4V
1000
hFE-2
DC current gain
IC=-10A ; VCE=-4V
500
Switching times
td
Delay time
0.15
μs
tr
Rise time
0.55
μs
tstg
Storage time
2.5
μs
tf
Fall time
VCC =-30 V, IC = -5.0 A,
IB =-20 mA Duty Cycle≤20%
IB1 = IB2, RC & RB Varied,
TJ = 25℃
2.5
μs


Similar Part No. - TIP146

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP146 MOSPEC-TIP146 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
logo
Central Semiconductor C...
TIP146 CENTRAL-TIP146 Datasheet
269Kb / 2P
   SILICON POWER DARLINGTON COMPLEMENTARY TRANSISTORS
logo
Motorola, Inc
TIP146 MOTOROLA-TIP146 Datasheet
234Kb / 6P
   10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Comset Semiconductor
TIP146 COMSET-TIP146 Datasheet
74Kb / 3P
   NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP146 ONSEMI-TIP146 Datasheet
217Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
More results

Similar Description - TIP146

ManufacturerPart #DatasheetDescription
logo
NEC
2SB795 NEC-2SB795 Datasheet
149Kb / 3P
   PNP SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
168Kb / 6P
   DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
Quanzhou Jinmei Electro...
2SB1625 JMNIC-2SB1625_15 Datasheet
169Kb / 3P
   Silicon PNP Darlington Power Transistors
2SB1626 JMNIC-2SB1626_15 Datasheet
160Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1559 SAVANTIC-2SB1559 Datasheet
173Kb / 4P
   Silicon PNP Darlington Power Transistors
2SB1255 SAVANTIC-2SB1255 Datasheet
122Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
New Jersey Semi-Conduct...
BDT60F NJSEMI-BDT60F Datasheet
131Kb / 2P
   Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1625 SAVANTIC-2SB1625 Datasheet
143Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
Micro Commercial Compon...
TIP125 MCC-TIP125_11 Datasheet
224Kb / 2P
   Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1559 ISC-2SB1559 Datasheet
161Kb / 4P
   Silicon PNP Darlington Power Transistors
2SB1625 ISC-2SB1625 Datasheet
142Kb / 3P
   Silicon PNP Darlington Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com