Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD650CTTRPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MBRD650CTTRPBF
Description  Schottky Rectifier, 2 x 3 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRD650CTTRPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  MBRD650CTTRPBF Datasheet HTML 1Page - Vishay Siliconix MBRD650CTTRPBF Datasheet HTML 2Page - Vishay Siliconix MBRD650CTTRPBF Datasheet HTML 3Page - Vishay Siliconix MBRD650CTTRPBF Datasheet HTML 4Page - Vishay Siliconix MBRD650CTTRPBF Datasheet HTML 5Page - Vishay Siliconix MBRD650CTTRPBF Datasheet HTML 6Page - Vishay Siliconix MBRD650CTTRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95016
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 04-Nov-08
For technical questions concerning module products, contact: ind-modules@vishay.com
1
D-PAK (TO-252AA)
Outline Dimensions
Vishay High Power Products
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Lead dimension uncontrolled in L5
(3) Dimension D1, E1, L3 and b3 establish a minimum mounting surface for thermal pad
(4) Section C - C dimension apply to the flat section of the lead between 0.13 and 0.25 mm (0.005 and 0.10") from the lead tip
(5) Dimension D, and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(6) Dimension b1 and c1 applied to base metal only
(7) Datum A and B to be determined at datum plane H
(8) Outline conforms to JEDEC outline TO-252AA
DIMENSIONS in millimeters and inches
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.39
0.086
0.094
e
2.29 BSC
0.090 BSC
A1
-
0.13
-
0.005
H
9.40
10.41
0.370
0.410
b
0.64
0.89
0.025
0.035
L
1.40
1.78
0.055
0.070
b2
0.76
1.14
0.030
0.045
L1
2.74 BSC
0.108 REF.
b3
4.95
5.46
0.195
0.215
3
L2
0.51 BSC
0.020 BSC
c
0.46
0.61
0.018
0.024
L3
0.89
1.27
0.035
0.050
3
c2
0.46
0.89
0.018
0.035
L4
-
1.02
-
0.040
D
5.97
6.22
0.235
0.245
5
L5
1.14
1.52
0.045
0.060
2
D1
5.21
-
0.205
-
3
Ø
10°
10°
E
6.35
6.73
0.250
0.265
5
Ø1
15°
15°
E1
4.32
-
0.170
-
3
Ø2
25°
35°
25°
35°
Ø 1
E
(5)
b3
(3)
0.010
CA B
L3 (3)
B
A
C
H
C
L2
D (5)
L4
b
2x e
b2
(2) L5
1
2
3
4
Ø 2
A
c2
A
A
H
Seating
plane
c
Detail “C”
(7)
Seating
plane
A1
Detail “C”
Rotated 90 °CW
Scale: 20:1
(L1)
C
C
L
Ø
Gauge
plane
Lead tip
M
0.010
CA B
M
32
4
1
E1
D1
MIN.
0.265
(6.74)
MIN.
0.245
(6.23)
MIN.
0.089
(2.28)
MIN.
0.06
(1.524)
0.488 (12.40)
0.409 (10.40)
0.093 (2.38)
0.085 (2.18)
Pad layout


Similar Part No. - MBRD650CTTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBRD650CTTRPBF IRF-MBRD650CTTRPBF Datasheet
184Kb / 7P
   SCHOTTKY RECTIFIER 6 Amp
logo
Vishay Siliconix
MBRD650CTTRPBF VISHAY-MBRD650CTTRPBF Datasheet
116Kb / 6P
   Schottky Rectifier, 2 x 3 A
Revision: 14-Aug-08
More results

Similar Description - MBRD650CTTRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRD650CTPBF VISHAY-MBRD650CTPBF Datasheet
116Kb / 6P
   Schottky Rectifier, 2 x 3 A
Revision: 14-Aug-08
VS-MBRD650CTPBF VISHAY-VS-MBRD650CTPBF Datasheet
151Kb / 7P
   Schottky Rectifier, 2 x 3 A
Revision: 14-Jan-11
MBRD650C VISHAY-MBRD650C Datasheet
152Kb / 8P
   Schottky Rectifier, 2 x 3 A
Revision: 14-Jan-11
VS-MBRD650CTPBF VISHAY-VS-MBRD650CTPBF_V01 Datasheet
130Kb / 7P
   High Performance Schottky Rectifier, 2 x 3 A
08-Feb-17
VS-MBRD650CT-M3 VISHAY-VS-MBRD650CT-M3_V01 Datasheet
153Kb / 7P
   High Performance Schottky Rectifier, 2 x 3 A
01-Jan-2022
VS-MBRD650CT-M3 VISHAY-VS-MBRD650CT-M3 Datasheet
152Kb / 7P
   High Performance Schottky Rectifier, 2 x 3 A
Revision: 07-May-2020
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
25CTQ035SPBF VISHAY-25CTQ035SPBF_10 Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
30L30CT-1PBF VISHAY-30L30CT-1PBF_10 Datasheet
127Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 05-Oct-10
12CWQ04FNPBF VISHAY-12CWQ04FNPBF Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com