Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS140TRPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBRS140TRPBF
Description  Schottky Rectifier, 1.0 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRS140TRPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  MBRS140TRPBF Datasheet HTML 1Page - Vishay Siliconix MBRS140TRPBF Datasheet HTML 2Page - Vishay Siliconix MBRS140TRPBF Datasheet HTML 3Page - Vishay Siliconix MBRS140TRPBF Datasheet HTML 4Page - Vishay Siliconix MBRS140TRPBF Datasheet HTML 5Page - Vishay Siliconix MBRS140TRPBF Datasheet HTML 6Page - Vishay Siliconix MBRS140TRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94319
4
Revision: 05-Mar-10
VS-MBRS140TRPbF
Vishay High Power Products Schottky Rectifier, 1.0 A
Fig. 5 - Maximum Average Forward Current vs.
Allowable Lead Temperature
Fig. 6 - Maximum Average Forward Dissipation vs.
Average Forward Current
Fig. 7 - Maximum Peak Surge Forward Current vs. Pulse Duration
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
70
80
100
110
120
130
150
160
140
IF(AV) - Average Forward Current (A)
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
90
DC
See note (1)
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
Square wave (D = 0.50)
Rated V
R applied
0
0.4
0.8
0.6
0.2
1.0
IF(AV) - Average Forward Current (A)
0.3
0.6
1.5
0.9
1.2
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
10
100
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge


Similar Part No. - MBRS140TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRS140TRPBF VISHAY-MBRS140TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Apr-08
More results

Similar Description - MBRS140TRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10BQ015PBF VISHAY-VS-10BQ015PBF Datasheet
116Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRS190TRPBF VISHAY-MBRS190TRPBF Datasheet
97Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
10BQ015PBF VISHAY-10BQ015PBF Datasheet
99Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Nov-08
10BQ040PBF VISHAY-10BQ040PBF Datasheet
95Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 16-Apr-08
MBRS140TRPBF VISHAY-MBRS140TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Apr-08
VS-MBRA120TRPBF VISHAY-VS-MBRA120TRPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
10BQ015M VISHAY-10BQ015M Datasheet
114Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
VS-1N5819 VISHAY-VS-1N5819 Datasheet
116Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Sep-11
10BQ015PBF VISHAY-10BQ015PBF_10 Datasheet
117Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRA120TRPBF VISHAY-MBRA120TRPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com