Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS190TRPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRS190TRPBF
Description  Schottky Rectifier, 1.0 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRS190TRPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRS190TRPBF_10 Datasheet HTML 1Page - Vishay Siliconix MBRS190TRPBF_10 Datasheet HTML 2Page - Vishay Siliconix MBRS190TRPBF_10 Datasheet HTML 3Page - Vishay Siliconix MBRS190TRPBF_10 Datasheet HTML 4Page - Vishay Siliconix MBRS190TRPBF_10 Datasheet HTML 5Page - Vishay Siliconix MBRS190TRPBF_10 Datasheet HTML 6Page - Vishay Siliconix MBRS190TRPBF_10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Schottky Rectifier, 1.0 A
VS-MBRS190TRPbF, VS-MBRS1100TRPbF
Vishay Semiconductors
Document Number: 94315
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 05-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
FEATURES
• Small foot print, surface mountable
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long
term reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
DESCRIPTION
The VS-MBRS190TRPbF, VS-MBRS1100TRPbF surface
mount Schottky rectifier has been designed for applications
requiring low forward drop and very small foot prints on PC
boards. Typical applications are in disk drives, switching
power supplies, converters, freewheeling diodes, battery
charging, and reverse battery protection.
PRODUCT SUMMARY
Package
DO-214AA (SMB)
IF(AV)
1 A
VR
90 V, 100 V
VF at IF
0.78 V
IRM
1 mA at 125 °C
TJ max.
175 °C
Diode variation
Single die
EAS
1.0 mJ
Cathode
Anode
SMB
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
1.0
A
VRRM
90/100
V
IFSM
tp = 5 μs sine
870
A
VF
1.0 Apk, TJ = 125 °C
0.63
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-MBRS190TRPbF
VS-MBRS1100TRPbF
UNITS
Maximum DC reverse voltage
VR
90
100
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TL = 147 °C, rectangular waveform
1.0
A
Maximum peak one cycle
non-repetitive surge current
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
870
10 ms sine or 6 ms rect. pulse
50
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 0.5 A, L = 8 mH
1.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
0.5
A


Similar Part No. - MBRS190TRPBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRS190TRPBF VISHAY-MBRS190TRPBF Datasheet
97Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
More results

Similar Description - MBRS190TRPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10BQ015PBF VISHAY-VS-10BQ015PBF Datasheet
116Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRS190TRPBF VISHAY-MBRS190TRPBF Datasheet
97Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
10BQ015PBF VISHAY-10BQ015PBF Datasheet
99Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Nov-08
10BQ040PBF VISHAY-10BQ040PBF Datasheet
95Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 16-Apr-08
MBRS140TRPBF VISHAY-MBRS140TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Apr-08
VS-MBRA120TRPBF VISHAY-VS-MBRA120TRPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
10BQ015M VISHAY-10BQ015M Datasheet
114Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
VS-1N5819 VISHAY-VS-1N5819 Datasheet
116Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Sep-11
10BQ015PBF VISHAY-10BQ015PBF_10 Datasheet
117Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRA120TRPBF VISHAY-MBRA120TRPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com