Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1545CTTRRP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBR1545CTTRRP
Description  Schottky Rectifier, 2 x 7.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR1545CTTRRP Datasheet(HTML) 5 Page - Vishay Siliconix

  MBR1545CTTRRP Datasheet HTML 1Page - Vishay Siliconix MBR1545CTTRRP Datasheet HTML 2Page - Vishay Siliconix MBR1545CTTRRP Datasheet HTML 3Page - Vishay Siliconix MBR1545CTTRRP Datasheet HTML 4Page - Vishay Siliconix MBR1545CTTRRP Datasheet HTML 5Page - Vishay Siliconix MBR1545CTTRRP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94303
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 15-Mar-10
5
VS-MBRB15..CTPbF, VS-MBR15..CT-1PbF Series
Schottky Rectifier, 2 x 7.5 A Vishay High Power Products
ORDERING INFORMATION TABLE
2
-
Essential part number
3
-
4
-
Current rating (15 = 15 A)
5
-
8
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented - for D2PAK only)
Voltage ratings
PbF = Lead (Pb)-free (for TO-262 and D2PAK tube)
7
-
35 = 35 V
45 = 45 V
None = D2PAK
-1 = TO-262
B = D2PAK
None = TO-262
7
7
None
= -1
6
-
CT = Essential part number
3
= B
3
None
TRR = Tape and reel (right oriented - for D2PAK only)
9
-
P = Lead (Pb)-free (for D2PAK TRR and TRL)
1
-
HPP product suffix
Device code
5
1
3
24
67
8
9
VS- MBR
B
15
45
CT
-1
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032
SPICE model
www.vishay.com/doc?95294


Similar Part No. - MBR1545CTTRRP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR1545CT TSC-MBR1545CT Datasheet
212Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Motorola, Inc
MBR1545CT MOTOROLA-MBR1545CT Datasheet
84Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBR1545CT SAMYANG-MBR1545CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
KEC(Korea Electronics)
MBR1545CT KEC-MBR1545CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Kersemi Electronic Co.,...
MBR1545CT KERSEMI-MBR1545CT Datasheet
477Kb / 2P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR1545CTTRRP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15CTQS VISHAY-15CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
15CTQSPBF VISHAY-15CTQSPBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
MBR1535CTPBF VISHAY-MBR1535CTPBF_12 Datasheet
157Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 29-Aug-11
MBRB15CT VISHAY-MBRB15CT Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 21-Aug-08
VS-MBR15CTPBF VISHAY-VS-MBR15CTPBF Datasheet
169Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 29-Aug-11
MBR15CT VISHAY-MBR15CT Datasheet
107Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
15CTQS-1 VISHAY-15CTQS-1 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
MBR1535CT-1 VISHAY-MBR1535CT-1 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 21-Aug-08
VS-15CTQPBF VISHAY-VS-15CTQPBF Datasheet
171Kb / 7P
   Schottky Rectifier, 2 x 7.5 A
Revision: 25-Aug-11
15CTQPBF VISHAY-15CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com