Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFU0402FF00500E000 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MFU0402FF00500E000
Description  Thin Film Chip Fuses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU0402FF00500E000 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MFU0402FF00500E000 Datasheet HTML 4Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 5Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 6Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 7Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 8Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 9Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 10Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 11Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.vishay.com
For technical questions, contact: thinfilm.chipfuse@vishay.com
Document Number: 28747
8
Revision: 06-May-10
MFU Series
Vishay Beyschlag
Thin Film Chip Fuses
FUNCTIONAL PERFORMANCE
Note
(1) Fuses mounted on a test board according to IEC 60127-4
Typical
tpre-arc vs. I characteristic of MFU 0603 (1)
Typical
I2t vs. tpre-arc characteristic of MFU 0603 (1)
0.1
100
10-4
1
Current I [A]
10-3
10-2
10-1
100
101
102
103
104
MFU 0603-FF
5.00 A
4.00 A
3.50 A
3.15 A
3.00 A
2.50 A
2.00 A
1.75 A
1.60 A
1.50 A
1.25 A
1.00 A
0.80 A
0.75 A
0.63 A
0.50 A
10
10-5
10-4
10-3
10-2
10-1
100
101
102
103
104
MFU 0603-FF
5.00 A
4.00 A
3.50 A
3.15 A
3.00 A
2.50 A
2.00 A
1.75 A
1.60 A
1.50 A
1.25 A
1.00 A
0.80 A
0.75 A
0.63 A
0.50 A
Pre-arc Time tpre-arc [s]
10-4
10-3
10-2
10-1
100
101
102


Similar Part No. - MFU0402FF00500E000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU0402FF00500E000 VISHAY-MFU0402FF00500E000 Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
MFU0402FF00500E000 VISHAY-MFU0402FF00500E000 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MFU0402FF00500E000 VISHAY-MFU0402FF00500E000 Datasheet
172Kb / 13P
   Thin Film Chip FusesS
01-Jan-2022
More results

Similar Description - MFU0402FF00500E000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU1206FF03000P500 VISHAY-MFU1206FF03000P500 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MFU VISHAY-MFU Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
logo
AVX Corporation
F0603G0R05FNTR AVX-F0603G0R05FNTR_17 Datasheet
267Kb / 4P
   Miniature 0603 Size Thin-Film Fuses
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
466 LITTELFUSE-466 Datasheet
101Kb / 2P
   Surface Mount Fuses - Lead-Free Thin-Film
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com