Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFU0402FF00500E000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MFU0402FF00500E000
Description  Thin Film Chip Fuses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU0402FF00500E000 Datasheet(HTML) 3 Page - Vishay Siliconix

  MFU0402FF00500E000 Datasheet HTML 1Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 2Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 3Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 4Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 5Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 6Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 7Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 8Page - Vishay Siliconix MFU0402FF00500E000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 28747
For technical questions, contact: thinfilm.chipfuse@vishay.com
www.vishay.com
Revision: 06-May-10
3
MFU Series
Thin Film Chip Fuses
Vishay Beyschlag
DIMENSIONS
SOLDER PAD DIMENSIONS
Note
• The given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards IEC 61188-5-x, or in
publication IPC-7351. They do not guarantee any supposed thermal properties, particularly as these are also strongly influenced by many other
parameters.
DIMENSIONS - Chip fuse types, mass and relevant physical dimensions
TYPE
H
(mm)
L
(mm)
W
(mm)
WT
(mm)
T1
(mm)
T2
(mm)
MASS
(mg)
MFU 0402
0.32 ± 0.07
1.0 ± 0.05
0.5 ± 0.05
> 75 % of W
0.2 + 0.1/- 0.15
0.2 ± 0.1
0.65
MFU 0603
0.45 + 0.1/- 0.05
1.55 ± 0.05
0.85 ± 0.1
> 75 % of W
0.3 + 0.15/- 0.2
0.3 + 0.15/- 0.2
1.9
MFU 0805
0.45 + 0.1/- 0.05
2.0 ± 0.1
1.25 ± 0.15
> 75 % of W
0.4 + 0.1/- 0.2
0.4 + 0.1/- 0.2
4.7
MFU 1206
0.55 ± 0.1
3.2 + 0.1/- 0.2
1.6 ± 0.15
> 75 % of W
0.5 ± 0.25
0.5 ± 0.25
9.5
RECOMMENDED SOLDER PAD DIMENSIONS
TYPE
WAVE SOLDERING
REFLOW SOLDERING
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
MFU 0402
-
-
-
-
0.35
0.55
0.55
1.45
MFU 0603
0.55
1.10
1.10
2.75
0.65
0.70
0.95
2.05
MFU 0805
0.80
1.25
1.50
3.30
0.90
0.90
1.40
2.70
MFU 1206
1.40
1.50
1.90
4.40
1.50
1.15
1.75
3.80
T
2
T
1
L
H
W
W
T
G
X
Y
Z


Similar Part No. - MFU0402FF00500E000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU0402FF00500E000 VISHAY-MFU0402FF00500E000 Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
MFU0402FF00500E000 VISHAY-MFU0402FF00500E000 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MFU0402FF00500E000 VISHAY-MFU0402FF00500E000 Datasheet
172Kb / 13P
   Thin Film Chip FusesS
01-Jan-2022
More results

Similar Description - MFU0402FF00500E000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU1206FF03000P500 VISHAY-MFU1206FF03000P500 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MFU VISHAY-MFU Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
logo
AVX Corporation
F0603G0R05FNTR AVX-F0603G0R05FNTR_17 Datasheet
267Kb / 4P
   Miniature 0603 Size Thin-Film Fuses
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
466 LITTELFUSE-466 Datasheet
101Kb / 2P
   Surface Mount Fuses - Lead-Free Thin-Film
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com