Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURB2020CT-1TRLP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MURB2020CT-1TRLP
Description  Ultrafast Rectifier, 2 x 10 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURB2020CT-1TRLP Datasheet(HTML) 4 Page - Vishay Siliconix

  MURB2020CT-1TRLP Datasheet HTML 1Page - Vishay Siliconix MURB2020CT-1TRLP Datasheet HTML 2Page - Vishay Siliconix MURB2020CT-1TRLP Datasheet HTML 3Page - Vishay Siliconix MURB2020CT-1TRLP Datasheet HTML 4Page - Vishay Siliconix MURB2020CT-1TRLP Datasheet HTML 5Page - Vishay Siliconix MURB2020CT-1TRLP Datasheet HTML 6Page - Vishay Siliconix MURB2020CT-1TRLP Datasheet HTML 7Page - Vishay Siliconix MURB2020CT-1TRLP Datasheet HTML 8Page - Vishay Siliconix MURB2020CT-1TRLP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94083
4
Revision: 08-Apr-10
VS-MURB2020CTPbF, VS-MURB2020CT-1PbF
Vishay High Power Products
Ultrafast Rectifier,
2 x 10 A FRED Pt®
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
0
94083_05
3
IF(AV) - Average Forward Current (A)
160
170
180
See note (1)
150
DC
140
130
69
Square wave (D = 0.50)
Rated V
R applied
12
15
0
94083_06
6
IF(AV) - Average Forward Current (A)
0
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
39
3
6
15
9
12
12
15
RMS limit
100
94083_07
1000
dIF/dt (A/μs)
20
40
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
30
50
10
I
F = 20 A
I
F = 10 A
I
F = 5 A
0
100
94083_08
1000
dIF/dt (A/μs)
50
250
150
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
100
200
0
I
F = 20 A
I
F = 10 A
I
F = 5 A


Similar Part No. - MURB2020CT-1TRLP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MURB2020CT-1TRLPBF IRF-MURB2020CT-1TRLPBF Datasheet
296Kb / 9P
   Ultrafast Rectifier
logo
Vishay Siliconix
MURB2020CT-1TRLPBF VISHAY-MURB2020CT-1TRLPBF Datasheet
121Kb / 7P
   Ultrafast Rectifier, 2 x 10 A FRED PtTM
Revision: 05-Sep-08
More results

Similar Description - MURB2020CT-1TRLP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MURB2020CTTRLP VISHAY-VS-MURB2020CTTRLP Datasheet
173Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 08-Apr-10
MUR2020CTPBF VISHAY-MUR2020CTPBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
VS-MURB2020CTPBF VISHAY-VS-MURB2020CTPBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt®
Revision: 08-Apr-10
VS-MUR2020CTPBF VISHAY-VS-MUR2020CTPBF Datasheet
168Kb / 8P
   Ultrafast Rectifier, 2 x 10 A FRED Pt®
Revision: 11-Aug-11
VS-MURB2020CTHM3 VISHAY-VS-MURB2020CTHM3 Datasheet
1Mb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt®
Revision: 16-Jun-15
VS-16CTU04 VISHAY-VS-16CTU04 Datasheet
176Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
60CPU04-F3 VISHAY-60CPU04-F3 Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 30 A FRED Pt
Revision: 17-Sep-10
30CPU04PBF VISHAY-30CPU04PBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
MUR1620CTPBF VISHAY-MUR1620CTPBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 28-Apr-11
MURB1020CTPBF VISHAY-MURB1020CTPBF_10 Datasheet
166Kb / 9P
   Ultrafast Rectifier, 2 x 5 A FRED Pt
Revision: 11-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com