Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURS340S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MURS340S
Description  Surface Mount Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURS340S Datasheet(HTML) 2 Page - Vishay Siliconix

  MURS340S Datasheet HTML 1Page - Vishay Siliconix MURS340S Datasheet HTML 2Page - Vishay Siliconix MURS340S Datasheet HTML 3Page - Vishay Siliconix MURS340S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
MURS340S & MURS360S
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89110
Revision: 14-Apr-09
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Notes:
(1) Units mounted on P.C.B. with 8 mm x 8 mm, 1 oz. copper pad areas. Thermal resistance RθJM - junction to mount
(2) Free air, mounted on recommended copper pad area. Thermal resistance RθJA - junction to ambient
Note:
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
MURS340S
MURS360S
UNIT
Maximum instantaneous forward
voltage (1)
IF = 3.0 A
TJ = 25 °C
TJ = 150 °C
VF
1.45
1.20
V
Maximum instantaneous reverse
current (2)
Rated VR
TJ = 25 °C
TJ = 150 °C
IR
5.0
150
µA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
50
ns
Maximum reverse recovery time
IF = 1.0 A, dI/dt = 50 A/µs,
VR = 30 V, Irr = 10 % IRM
trr
75
ns
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MURS340S
MURS360S
UNIT
Typical thermal resistance (1)
RθJM
12
°C/W
Typical thermal resistance (2)
RθJA
120
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
MURS360S-E3/52T
0.093
52T
750
7" diameter plastic tape and reel
MURS360S-E3/5BT
0.093
5BT
3200
13" diameter plastic tape and reel
MURS360SHE3/52T (1)
0.093
52T
750
7" diameter plastic tape and reel
MURS360SHE3/5BT (1)
0.093
5BT
3200
13" diameter plastic tape and reel
Figure 1. Forward Current Derating Curve
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
TM - Mount Temperature (°C)
Units Mounted on P.C.B. with 8 mm x 8 mm,
1 oz. Copper Pad Areas.
T
M Measured at Mount of Terminal
Figure 2. Forward Current Derating Curve
1.6
0
0
25
50
75
100
125
150
175
TA - Ambient Temperature (°C)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
Mounted on P.C.B. with
Recommended Copper Pad Areas


Similar Part No. - MURS340S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 01-Aug-08
MURS340S VISHAY-MURS340S Datasheet
105Kb / 5P
   Surface-Mount Ultrafast Plastic Rectifier
01-Jan-2022
MURS340S-M3 VISHAY-MURS340S-M3 Datasheet
93Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS340S VISHAY-MURS340S_V01 Datasheet
105Kb / 5P
   Surface-Mount Ultrafast Plastic Rectifier
01-Jan-2022
More results

Similar Description - MURS340S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1A VISHAY-ES1A_11 Datasheet
81Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 19-Apr-11
ES2B-E3-52T VISHAY-ES2B-E3-52T Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
MURS340 VISHAY-MURS340_15 Datasheet
88Kb / 6P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
ES1C-E361T VISHAY-ES1C-E361T Datasheet
82Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 25-Apr-14
ES2DHE3 VISHAY-ES2DHE3 Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
MURS340-M3 VISHAY-MURS340-M3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS320-M3 VISHAY-MURS320-M3 Datasheet
89Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS140 VISHAY-MURS140 Datasheet
102Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340 VISHAY-MURS340_07 Datasheet
106Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 01-Aug-08
U1B VISHAY-U1B Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 13-May-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com