Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFU0603FF01000PW00 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MFU0603FF01000PW00
Description  Thin Film Chip Fuses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU0603FF01000PW00 Datasheet(HTML) 1 Page - Vishay Siliconix

  MFU0603FF01000PW00 Datasheet HTML 1Page - Vishay Siliconix MFU0603FF01000PW00 Datasheet HTML 2Page - Vishay Siliconix MFU0603FF01000PW00 Datasheet HTML 3Page - Vishay Siliconix MFU0603FF01000PW00 Datasheet HTML 4Page - Vishay Siliconix MFU0603FF01000PW00 Datasheet HTML 5Page - Vishay Siliconix MFU0603FF01000PW00 Datasheet HTML 6Page - Vishay Siliconix MFU0603FF01000PW00 Datasheet HTML 7Page - Vishay Siliconix MFU0603FF01000PW00 Datasheet HTML 8Page - Vishay Siliconix MFU0603FF01000PW00 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Document Number: 28747
For technical questions, contact: thinfilm.chipfuse@vishay.com
www.vishay.com
Revision: 06-May-10
1
Thin Film Chip Fuses
MFU Series
Vishay Beyschlag
MFU Thin Film Chip Fuses are the perfect choice for the
most fields of modern electronics. The highly controlled
manufacturing thin film process guarantees an outstanding
stability of fusing characteristics. Typical applications include
information
technology,
telecommunication,
medical
equipment,
industrial,
audio/video,
and
automotive
electronics.
FEATURES
• Advanced thin film technology
• Very quick acting fuse characteristics
• Outstanding stability of fusing characteristics
• Standard SMD sizes
• Green product, supports lead (Pb)-free soldering
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Information technology
• Industrial electronics
• Automotive electronics
• Telecommunication
• Medical equipment
• Audio/video electronics
SIZE
INCH
0402
0603
0805
1206
METRIC
1005M
1608M
2012M
3216M
TECHNICAL SPECIFICATIONS
DESCRIPTION
MFU 0402
MFU 0603
MFU 0805
MFU 1206
Metric size
1005M
1608M
2012M
3216M
Rated Current range
IR
0.5 A to 3.15 A
0.5 A to 5.0 A
0.5 A to 5.0 A
0.5 A to 6.3 A
Rated voltage,
Umax. DC
32 V
32 V
32 V
63 V
Breaking Capacity,
Imax. at Umax. DC
50 A at 32 V
50 A at 32 V
50 A at 32 V
50 A at 63 V
Voltage drop at 1 x
IR
90 mV to 368 mV
85 mV to 361 mV
98 mV to 374 mV
116 mV to 433 mV
Cold resistance at 0.1 x
IR
22 m
Ω to 560 mΩ
13 m
Ω to 550 mΩ
15 m
Ω to 570 mΩ
14 m
Ω to 660 mΩ
Climatic category (LCT/UCT/days)
55/125/56
55/125/56
55/125/56
55/125/56
Permissible continuous
current rating at
ϑamb = 23 °C
0.7 x
IR
0.7 x
IR
0.7 x
IR
0.7 x
IR
Approval
UL recognition file
E253806
E253806
E253806
E253806
IEC 60127-4
n/a
Refer to table:
MFU 0603 RATING
Refer to table:
MFU 1206 RATING
FITobserved
≤ 0.2 x 10- 9/h
≤ 0.2 x 10- 9/h
≤ 0.2 x 10- 9/h
≤ 0.2 x 10- 9/h


Similar Part No. - MFU0603FF01000PW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU0603FF01000PW00 VISHAY-MFU0603FF01000PW00 Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
MFU0603FF01000PW00 VISHAY-MFU0603FF01000PW00 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
More results

Similar Description - MFU0603FF01000PW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU1206FF03000P500 VISHAY-MFU1206FF03000P500 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MFU VISHAY-MFU Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
logo
AVX Corporation
F0603G0R05FNTR AVX-F0603G0R05FNTR_17 Datasheet
267Kb / 4P
   Miniature 0603 Size Thin-Film Fuses
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
466 LITTELFUSE-466 Datasheet
101Kb / 2P
   Surface Mount Fuses - Lead-Free Thin-Film
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com