Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURD620CTPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MURD620CTPBF
Description  Ultrafast Rectifier, 2 x 3 A FRED Pt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURD620CTPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  MURD620CTPBF Datasheet HTML 1Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 2Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 3Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 4Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 5Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 6Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 7Page - Vishay Siliconix MURD620CTPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94084
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 13-Jan-11
VS-MURD620CTPbF
Vishay Semiconductors
Ultrafast Rectifier,
2 x 3 A FRED Pt®
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95016
Part marking information
www.vishay.com/doc?95059
Packaging information
www.vishay.com/doc?95033
2
-
Ultrafast MUR series
1
-
Vishay Semiconductors product
3
-
D = D-PAK
4
-
Current rating (6 = 6 A)
5
-
Voltage rating (20 = 200 V)
6
-
CT = Center tap (dual)
7
-
Tape and reel suffix
-
PbF = Lead (Pb)-free
8
TR = Tape and reel
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
Device code
5
1
3
2
4
6
7
8
MUR
VS-
D
6
20
CT
TRL PbF


Similar Part No. - MURD620CTPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MURD620CTPBF IRF-MURD620CTPBF Datasheet
171Kb / 8P
   Ultrafast Rectifier
logo
Vishay Siliconix
MURD620CTPBF VISHAY-MURD620CTPBF Datasheet
116Kb / 7P
   Ultrafast Rectifier, 2 x 3 A FRED PtTM
Revision: 21-Jul-08
More results

Similar Description - MURD620CTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWH02FNPBF VISHAY-6CWH02FNPBF_12 Datasheet
150Kb / 8P
   Ultrafast Rectifier, 2 x 3 A FRED Pt®
Revision: 13-Jan-11
VS-MURD620CTHM3 VISHAY-VS-MURD620CTHM3 Datasheet
122Kb / 7P
   Ultrafast Rectifier, 2 x 3 A FRED Pt®
Revision: 10-Jul-15
VS-6CWH02FNHM3 VISHAY-VS-6CWH02FNHM3 Datasheet
123Kb / 7P
   Ultrafast Rectifier, 2 x 3 A FRED Pt®
Revision: 02-Aug-12
VS-MURD620CT-M3 VISHAY-VS-MURD620CT-M3 Datasheet
159Kb / 8P
   Ultrafast Rectifier, 2 x 3 A FRED Pt®
Revision: 05-Oct-16
VS-6CWH02FN-M3 VISHAY-VS-6CWH02FN-M3 Datasheet
148Kb / 8P
   Ultrafast Rectifier, 2 x 3 A FRED Pt®
Revision: 31-Mar-11
VS-MURD620CTPBF VISHAY-VS-MURD620CTPBF Datasheet
155Kb / 8P
   Ultrafast Rectifier, 2 x 3 A FRED Pt®
Revision: 13-Jan-11
VS-16CTU04 VISHAY-VS-16CTU04 Datasheet
176Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
60CPU04-F3 VISHAY-60CPU04-F3 Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 30 A FRED Pt
Revision: 17-Sep-10
VS-MURB2020CTTRLP VISHAY-VS-MURB2020CTTRLP Datasheet
173Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 08-Apr-10
30CPU04PBF VISHAY-30CPU04PBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com