Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURB1520PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MURB1520PBF
Description  Ultrafast Rectifier, 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURB1520PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  MURB1520PBF Datasheet HTML 1Page - Vishay Siliconix MURB1520PBF Datasheet HTML 2Page - Vishay Siliconix MURB1520PBF Datasheet HTML 3Page - Vishay Siliconix MURB1520PBF Datasheet HTML 4Page - Vishay Siliconix MURB1520PBF Datasheet HTML 5Page - Vishay Siliconix MURB1520PBF Datasheet HTML 6Page - Vishay Siliconix MURB1520PBF Datasheet HTML 7Page - Vishay Siliconix MURB1520PBF Datasheet HTML 8Page - Vishay Siliconix MURB1520PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94082
4
Revision: 11-Mar-10
VS-MURB1520PbF, VS-MURB1520-1PbF
Vishay High Power Products
Ultrafast Rectifier,
8 A FRED Pt®
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
05
IF(AV) - Average Forward Current (A)
160
170
180
See note (1)
150
DC
140
130
10
15
20
Square wave (D = 0.50)
Rated V
R applied
25
010
20
IF(AV) - Average Forward Current (A)
0
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
515
5
10
25
15
20
RMS limit
25
100
1000
dIF/dt (A/µs)
20
40
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
30
50
10
60
I
F = 30 A
I
F = 15 A
I
F = 8 A
100
1000
dIF/dt (A/µs)
40
I
F = 30 A
I
F = 15 A
I
F = 8 A
200
120
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
80
160
0


Similar Part No. - MURB1520PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
   Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
logo
Vishay Siliconix
MURB1520PBF VISHAY-MURB1520PBF Datasheet
120Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
More results

Similar Description - MURB1520PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETU04PBF VISHAY-8ETU04PBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETU04HN3 VISHAY-VS-8ETU04HN3 Datasheet
155Kb / 7P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 09-Oct-15
MURB820PBF VISHAY-MURB820PBF_10 Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETU04SPBF VISHAY-8ETU04SPBF_10 Datasheet
174Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
MUR820PBF VISHAY-MUR820PBF_11 Datasheet
154Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 04-May-11
VS-8ETU04PBF VISHAY-VS-8ETU04PBF Datasheet
159Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 26-Jun-12
ETL0806-M3 VISHAY-ETL0806-M3 Datasheet
200Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-11
VS-8ETU04SPBF VISHAY-VS-8ETU04SPBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
VS-8ETU04SHM3 VISHAY-VS-8ETU04SHM3 Datasheet
192Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 25-Aug-15
VS-MURB820PBF VISHAY-VS-MURB820PBF Datasheet
172Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt®
Revision: 11-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com