Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURB1020CT-1P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MURB1020CT-1P
Description  Ultrafast Rectifier, 2 x 5 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURB1020CT-1P Datasheet(HTML) 2 Page - Vishay Siliconix

  MURB1020CT-1P Datasheet HTML 1Page - Vishay Siliconix MURB1020CT-1P Datasheet HTML 2Page - Vishay Siliconix MURB1020CT-1P Datasheet HTML 3Page - Vishay Siliconix MURB1020CT-1P Datasheet HTML 4Page - Vishay Siliconix MURB1020CT-1P Datasheet HTML 5Page - Vishay Siliconix MURB1020CT-1P Datasheet HTML 6Page - Vishay Siliconix MURB1020CT-1P Datasheet HTML 7Page - Vishay Siliconix MURB1020CT-1P Datasheet HTML 8Page - Vishay Siliconix MURB1020CT-1P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94518
2
Revision: 11-Mar-10
VS-MURB1020CTPbF, VS-MURB1020CT-1PbF
Vishay High Power Products
Ultrafast Rectifier,
2 x 5 A FRED Pt®
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1.0 A, dIF/dt = 50 A/μs, VR = 30 V
-
-
35
ns
IF = 0.5 A, IR = 1.0 A, IREC = 0.25 V
-
-
25
TJ = 25 °C
IF = 5 A
dIF/dt = 200 A/μs
VR = 160 V
-24
-
TJ = 125 °C
-
35
-
Peak recovery current
IRRM
TJ = 25 °C
-
3.3
-
A
TJ = 125 °C
-
5.0
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
33
-
nC
TJ = 125 °C
-
76
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 65
-
175
°C
Thermal resistance,
junction to case per leg
RthJC
--
5
°C/W
Thermal resistance,
junction to ambient per leg
RthJA
--
50
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and greased
-
0.5
-
Weight
-2.0
-
g
-0.07-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style D2PAK
MURB1020CT
Case style TO-262
MURB1020CT-1


Similar Part No. - MURB1020CT-1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB1020CT-1P VISHAY-MURB1020CT-1P Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 5 A FRED PtTM
Revision: 05-Sep-08
logo
International Rectifier
MURB1020CT-1PBF IRF-MURB1020CT-1PBF Datasheet
297Kb / 9P
   Ultrafast Rectifier
logo
Vishay Siliconix
MURB1020CT-1PBF VISHAY-MURB1020CT-1PBF Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 5 A FRED PtTM
Revision: 05-Sep-08
logo
International Rectifier
MURB1020CT-1PUF IRF-MURB1020CT-1PUF Datasheet
289Kb / 9P
   Ultrafast Rectifier
More results

Similar Description - MURB1020CT-1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MURB1020CTPBF VISHAY-VS-MURB1020CTPBF Datasheet
168Kb / 9P
   Ultrafast Rectifier, 2 x 5 A FRED Pt®
Revision: 11-Mar-10
VS-MURB1020CTHM3 VISHAY-VS-MURB1020CTHM3 Datasheet
188Kb / 8P
   Ultrafast Rectifier, 2 x 5 A FRED Pt®
Revision: 02-Feb-16
VS-16CTU04 VISHAY-VS-16CTU04 Datasheet
176Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
60CPU04-F3 VISHAY-60CPU04-F3 Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 30 A FRED Pt
Revision: 17-Sep-10
VS-MURB2020CTTRLP VISHAY-VS-MURB2020CTTRLP Datasheet
173Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 08-Apr-10
30CPU04PBF VISHAY-30CPU04PBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
MUR1620CTPBF VISHAY-MUR1620CTPBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 28-Apr-11
MUR2020CTPBF VISHAY-MUR2020CTPBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
70CRU04PBF VISHAY-70CRU04PBF_11 Datasheet
128Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED Pt
Revision: 09-Feb-11
30CPH03PBF VISHAY-30CPH03PBF_11 Datasheet
160Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com