Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

230630990021000000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 230630990021000000
Description  Wirewound Resistors, Noise Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

230630990021000000 Datasheet(HTML) 2 Page - Vishay Siliconix

  230630990021000000 Datasheet HTML 1Page - Vishay Siliconix 230630990021000000 Datasheet HTML 2Page - Vishay Siliconix 230630990021000000 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 30252
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 08-Jul-09
173
NSR
Wirewound Resistors, Noise Suppressor
Vishay Dale
TYPE 1 - NOISE SUPPRESSOR WITH CAPS
TYPE 2 - NOISE SUPPRESSOR WITH ELECTRODES
Note
• Other electrode designs available under request
ELECTRICAL AND DIMENSIONAL DATA in inches [millimeters]
GLOBAL MODEL
ELECTRICAL DATA
DIMENSIONAL DATA
VALUE
TOLERANCE
INDUCTANCE
TYPICAL
LD
H
230630990035000000
5 k
Ω
± 20 %
20 µH
0.79 [20.0]
0.153 [3.88]
0.112 [2.85]
230630990047000000
5.2 k
Ω
± 15 %
15 µH
0.66 [16.8]
0.124 [3.15]
0.094 [2.40]
230630990048000000
1 k
Ω
+ 20 %, - 10 %
16 µH
0.66 [16.8]
0.124 [3.15]
0.094 [2.40]
230630990053000000
5 k
Ω
± 20 %
18 µH
0.93 [23.7]
0.153 [3.88]
0.112 [2.85]
230630990078000000
1 k
Ω
± 20 %
10 µH
0.93 [23.7]
0.153 [3.88]
0.112 [2.85]
230630990085000000
1 k
Ω
± 20 %
9 µH
1.02 [26.0]
0.153 [3.88]
0.112 [2.85]
230630990086000000
1 k
Ω
± 20 %
5 µH
0.79 [20.0]
0.153 [3.88]
0.112 [2.85]
230630990094000000
5 k
Ω
± 20 %
16 µH
0.93 [23.7]
0.153 [3.88]
0.112 [2.85]
230630990095000000
15 k
Ω
± 20 %
12 µH
1.08 [27.3]
0.15 [3.82]
0.112 [2.85]
230630990101000000
1.12 k
Ω
± 20 %
13 µH
0.47 [11.9]
0.171 [4.35]
0.112 [2.85]
230630990105000000
2 k
Ω
± 20 %
14 µH
0.53 [13.5]
0.171 [4.35]
0.112 [2.85]
230630990106000000
2 k
Ω
± 20 %
21 µH
1.08 [27.3]
0.153 [3.88]
0.112 [2.85]
230630990107000000
2 k
Ω
± 20 %
8 µH
0.79 [20.0]
0.153 [3.88]
0.112 [2.85]
230630990108000000
5 k
Ω
± 20 %
10 µH
0.93 [23.7]
0.153 [3.88]
0.112 [2.85]
230630990112000000
2 k
Ω
± 20 %
9 µH
1.02 [26.0]
0.153 [3.88]
0.112 [2.85]
ELECTRICAL AND DIMENSIONAL DATA in inches [millimeters]
GLOBAL MODEL
ELECTRICAL DATA
DIMENSIONAL DATA
VALUE
TOLERANCE
INDUCTANCE
TYPICAL
LD
H
E
230630990008000000
5 k
Ω
+ 20 %, - 10 %
50 µH
1.35 [34.3]
0.16 [3.9]
0.43 [11.0]
0.93 [23.5]
230630990009000000
4.5 k
Ω
± 10 %
17 µH
1.04 [26.3]
0.12 [3.0]
0.42 [10.5]
0.57 [14.4]
230630990014000000
5 k
Ω
± 10 %
19 µH
1.19 [30.2]
0.12 [3.0]
0.42 [10.5]
0.58 [14.8]
230630990021000000
5.3 k
Ω
± 15 %
56 µH
1.35 [34.3]
0.16 [3.9]
0.71 [18.0]
0.93 [23.5]
230630990027000000
1.1 k
Ω
± 15 %
9 µH
1.17 [29.7]
0.154 [3.9]
0.71 [18.0]
0.42 [10.6]
230630990029000000
1.1 k
Ω
± 15 %
8.5 µH
1.17 [29.7]
0.16 [3.9]
0.43 [11.0]
0.42 [10.6]
230630990038000000
1 k
Ω
± 10 %
5 µH
1.19 [30.2]
0.12 [2.95]
0.42 [10.5]
0.58 [14.8]
230630990055000000
5.2 k
Ω
± 13 %
54 µH
1.34 [34.1]
0.16 [3.9]
0.32 [8.15]
0.93 [23.5]
230630990057000000
1 k
Ω
± 10 %
5 µH
1.19 [30.2]
0.12 [3.0]
0.71 [18.0]
0.58 [14.8]
230630990058000000
5 k
Ω
± 10 %
20 µH
1.19 [30.2]
0.12 [3.0]
0.71 [18.0]
0.58 [14.8]
230630990069000000
1 k
Ω
± 10 %
4 µH
1.39 [35.3]
0.12 [3.0]
0.71 [18.0]
0.81 [20.4]
230630990079000000
5 k
Ω
± 10 %
16 µH
1.35 [34.25]
0.12 [3.0]
0.71 [18.0]
0.76 [19.2]
H
L
D
H
E
L
D


Similar Part No. - 230630990021000000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2306391 PHOENIX-2306391 Datasheet
39Kb / 1P
   System connectors - FLKM 14-PA-MODI-A120-UNI
More results

Similar Description - 230630990021000000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NSR VISHAY-NSR Datasheet
104Kb / 5P
   Wirewound Resistors, Noise Suppressor
Revision: 17-Oct-07
NSRHP VISHAY-NSRHP Datasheet
94Kb / 4P
   Wirewound Resistors, Noise Suppressor, High Performance
HPR VISHAY-HPR Datasheet
87Kb / 4P
   High Pulse Wirewound Resistor, Noise Suppressor
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com