Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

230630990055000000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 230630990055000000
Description  Wirewound Resistors, Noise Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

230630990055000000 Datasheet(HTML) 1 Page - Vishay Siliconix

  230630990055000000 Datasheet HTML 1Page - Vishay Siliconix 230630990055000000 Datasheet HTML 2Page - Vishay Siliconix 230630990055000000 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wirewound Resistors, Noise Suppressor
NSR
Vishay Dale
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30252
172
Revision: 08-Jul-09
FEATURES
• Ideal for reducing RFI during electrical
discharges on gasoline engines
• Variety of resistance and inductance values
available
• Special design of electrical contacts upon
request
• Capability to withstand high voltage pulses at high
frequency
• Compliant to RoHS directive 2002/95/EC
TECHNOLOGY
The resistor element is a resistive wire, which is wound in a single layer on a fiberglass core. Metallic caps or electrodes are
fixed to the ends of the resistive core, following the specific ignition system characteristics. A coating protects the resistive
element against moisture and mechanical shock, plus is able to withstand high temperatures. These products can be molded
with epoxy resin, thermoplastic or thermo set materials.
Notes
(1) Special resistance values available upon request
(2) Other tolerances available upon request
(3) Special inductance values available upon request
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
TYPE 1 (WITH CAPS)
TYPE 2 (WITH ELECTRODES)
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
NSR
CHARACTERISTICS
Resistance Range (1)
Ω
1K - 15K
Tolerances (2)
%
± 10 , ± 15, ± 20
Inductance Range, 2 MHz (3)
µH
5 to 56
Temperature Coefficient
ppm/°C
± 250
Operating Temperature Range
°C
- 40 to + 200
GLOBAL PART NUMBER INFORMATION
Global Part Number Example: 230630990078000000 (Historical Part Numbering example: 2306 309 90078)
GLOBAL MODEL
SPECIAL
See page 2
Global Model
columns for
options
000000 = Standard
30
63099
0
078
00
00
2
0
0


Similar Part No. - 230630990055000000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2306391 PHOENIX-2306391 Datasheet
39Kb / 1P
   System connectors - FLKM 14-PA-MODI-A120-UNI
More results

Similar Description - 230630990055000000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NSR VISHAY-NSR Datasheet
104Kb / 5P
   Wirewound Resistors, Noise Suppressor
Revision: 17-Oct-07
NSRHP VISHAY-NSRHP Datasheet
94Kb / 4P
   Wirewound Resistors, Noise Suppressor, High Performance
HPR VISHAY-HPR Datasheet
87Kb / 4P
   High Pulse Wirewound Resistor, Noise Suppressor
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com