Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSB8JT-E3-81 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # NSB8JT-E3-81
Description  Glass Passivated General Purpose Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NSB8JT-E3-81 Datasheet(HTML) 4 Page - Vishay Siliconix

  NSB8JT-E3-81 Datasheet HTML 1Page - Vishay Siliconix NSB8JT-E3-81 Datasheet HTML 2Page - Vishay Siliconix NSB8JT-E3-81 Datasheet HTML 3Page - Vishay Siliconix NSB8JT-E3-81 Datasheet HTML 4Page - Vishay Siliconix NSB8JT-E3-81 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NS(F,B)8AT thru NS(F,B)8MT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88690
Revision: 08-Nov-07
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AC
CASE
PIN 2
PIN 1
0.635 (16.13)
0.625 (15.87)
0.415 (10.54) MAX.
0.154 (3.91) DIA.
0.148 (3.74) DIA.
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
PIN
12
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.022 (0.56)
0.014 (0.36)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.110 (2.79)
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
0.145 (3.68)
0.135 (3.43)
0.603 (15.32)
0.573 (14.55)
0.055 (1.39)
0.045 (1.14)
0.185 (4.70)
0.175 (4.44)
ITO-220AC
PIN
1
2
0.025 (0.64)
0.015 (0.38)
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.076 (1.93) REF.
45° REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.191 (4.85)
0.171 (4.35)
0.057 (1.45)
0.045 (1.14)
0.671 (17.04)
0.651 (16.54)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
7° REF.
7° REF.
0.350 (8.89)
0.330 (8.38)
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
TO-263AB
Mounting Pad Layout
0.670 (17.02)
0.591 (15.00)
0.105 (2.67)
0.095 (2.41)
0.08 (2.032) MIN.
0.15 (3.81) MIN.
0.33 (8.38) MIN.
0.42 (10.66) MIN.
12
K
K
0.140 (3.56)
0.110 (2.79)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.090 (2.29)
0 to 0.01 (0 to 0.254)
0.055 (1.40)
0.047 (1.19)
0.055 (1.40)
0.045 (1.14)
0.190 (4.83)
0.160 (4.06)
0.205 (5.20)
0.195 (4.95)
0.624 (15.85)
0.591 (15.00)
0.037 (0.940)
0.027 (0.686)
0.105 (2.67)
0.095 (2.41)
0.360 (9.14)
0.320 (8.13)
0.411 (10.45)
0.380 (9.65)
0.245 (6.22)
MIN.


Similar Part No. - NSB8JT-E3-81

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NSB8JT-E3 VISHAY-NSB8JT-E3 Datasheet
131Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 20-Jan-14
More results

Similar Description - NSB8JT-E3-81

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
NSB8AT GE-NSB8AT Datasheet
84Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NS8XT VISHAY-NS8XT Datasheet
136Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 09-Feb-15
NSB8JT-E3 VISHAY-NSB8JT-E3 Datasheet
131Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 20-Jan-14
logo
General Semiconductor
NS8AT GE-NS8AT Datasheet
73Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NSXT VISHAY-NSXT Datasheet
41Kb / 3P
   Glass Passivated General Purpose Plastic Rectifier
08-Jul-02
NS8KT-E345 VISHAY-NS8KT-E345 Datasheet
131Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 20-Jan-14
logo
General Semiconductor
NSF8AT GE-NSF8AT Datasheet
44Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NSFB8AT VISHAY-NSFB8AT Datasheet
124Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
18-Jul-08
NS8XT VISHAY-NS8XT_V01 Datasheet
125Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
01-Jan-2022
logo
Central Semiconductor C...
CPR4-020 CENTRAL-CPR4-020_15 Datasheet
77Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com