Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3210PCT Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-3210PCT
Description  ARINC 429 DATA MANAGEMENT ENGINE / Octal Receiver / Quad Transmitter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3210PCT Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-3210PCT Datasheet HTML 2Page - Holt Integrated Circuits HI-3210PCT Datasheet HTML 3Page - Holt Integrated Circuits HI-3210PCT Datasheet HTML 4Page - Holt Integrated Circuits HI-3210PCT Datasheet HTML 5Page - Holt Integrated Circuits HI-3210PCT Datasheet HTML 6Page - Holt Integrated Circuits HI-3210PCT Datasheet HTML 7Page - Holt Integrated Circuits HI-3210PCT Datasheet HTML 8Page - Holt Integrated Circuits HI-3210PCT Datasheet HTML 9Page - Holt Integrated Circuits HI-3210PCT Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
HOLT INTEGRATED CIRCUITS
6
HI-3210
PIN DESCRIPTIONS
SIGNAL
FUNCTION
DESCRIPTION
AACK
INPUT
ARINC 429 Receiver Interrupt Acknowledge
AINT
OUTPUT
ARINC 429 Receiver Interrupt
ARX0N
INPUT
ARINC 429 Rx negative data input for channel 0
ARX0P
INPUT
ARINC 429 Rx positive data input for channel 0
ARX1N
INPUT
ARINC 429 Rx negative data input for channel 1
ARX1P
INPUT
ARINC 429 Rx positive data input for channel 1
ARX2N
INPUT
ARINC 429 Rx negative data input for channel 2
ARX2P
INPUT
ARINC 429 Rx positive data input for channel 2
ARX3N
INPUT
ARINC 429 Rx negative data input for channel 3
ARX3P
INPUT
ARINC 429 Rx positive data input for channel 3
ARX4N
INPUT
ARINC 429 Rx negative data input for channel 4
ARX4P
INPUT
ARINC 429 Rx positive data input for channel 4
ARX5N
INPUT
ARINC 429 Rx negative data input for channel 5
ARX5P
INPUT
ARINC 429 Rx positive data input for channel 5
ARX6N
INPUT
ARINC 429 Rx negative data input for channel 6
ARX6P
INPUT
ARINC 429 Rx positive data input for channel 6
ARX7N
INPUT
ARINC 429 Rx negative data input for channel 7
ARX7P
INPUT
ARINC 429 Rx positive data input for channel 7
ARXBIT0-7
OUTPUTS
ARINC 429 received payload bit monitor pins 0 through 7
ATX0N
OUTPUT
ARINC 429 Tx channel 0 negative data output to line driver
ATX0P
OUTPUT
ARINC 429 Tx channel 0 positive data output to line driver
ATX1N
OUTPUT
ARINC 429 Tx channel 1 negative data output to line driver
ATX1P
OUTPUT
ARINC 429 Tx channel 1 positive data output to line driver
ATX2N
OUTPUT
ARINC 429 Tx channel 2 negative data output to line driver
ATX2P
OUTPUT
ARINC 429 Tx channel 2 positive data output to line driver
ATX3N
OUTPUT
ARINC 429 Tx channel 3 negative data output to line driver
ATX3P
OUTPUT
ARINC 429 Tx channel 3 positive data output to line driver
ATXMSK
INPUT
Turn off ARINC 429 Transmit pins (Holds TXnA/B pins zero)
ATXSLP0
OUTPUT
ARINC 429 Tx channel 0 data rate select output. 1 = high speed, 0 = low speed
ATXSLP1
OUTPUT
ARINC 429 Tx channel 1 data rate select output. 1 = high speed, 0 = low speed
ATXSLP2
OUTPUT
ARINC 429 Tx channel 2 data rate select output. 1 = high speed, 0 = low speed
ATXSLP3
OUTPUT
ARINC 429 Tx channel 3 data rate select output. 1 = high speed, 0 = low speed
ECSB
OUTPUT
SPI chip select for auto-initialization EEPROM
EMISO
INPUT
SPI serial data input from auto-inialization EEPROM
EMOSI
OUTPUT
SPI serial data output to auto-initialization EEPROM
ESCLK
OUTPUT
SPI clock for auto-initialization EEPROM
GND
POWER
Chip 0V supply
HCSB
INPUT
Chip select. Data is shifted into HMOSI and out of HMISO when HCSB is low
HMISO
OUTPUT
Host CPU SPI interface serial data output
HMOSI
INPUT
Host CPU SPI interface serial data input
HSCLK
INPUT
SPI Clock. Data is shifted into or out of the SPI interface using HSCLK
MCLK
INPUT
Master 48 MHZ and reference clock for ARINC 429 bus bit timing
MINT
OUTPUT
Programmable event interrupt output
MINTACK
INPUT
Programmable event interrupt acknowledge
MODE2:0
INPUTS
MODE2 through MODE0 define HI-3210 start-up and initialization mode
MRST
INPUT
Master Reset to HI-3210 Active High
PROG (MODE0)
INPUT
Multiplexed with MODE0 pin, PROG initiates HI-3210 Auto-Initialization EEPROM programming routine
READY
OUTPUT
READY goes high when post-RESET initialization is complete
RUN
INPUT
Master enable signal for ARINC 429 transmit schedulers
SCANEN
RESERVED
Connect to GND
SCANSHIFT
RESERVED
Connect to GND
VDD
POWER
3.3V power supply


Similar Part No. - HI-3210PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3210PCTF HOLTIC-HI-3210PCTF Datasheet
166Kb / 43P
   ARINC 429 DATA MANAGEMENT ENGINE
More results

Similar Description - HI-3210PCT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3210 HOLTIC-HI-3210_16 Datasheet
173Kb / 45P
   ARINC 429 DATA MANAGEMENT ENGINE
HI-3210 HOLTIC-HI-3210_13 Datasheet
166Kb / 43P
   ARINC 429 DATA MANAGEMENT ENGINE
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1049 DEIAZ-DEI1049 Datasheet
690Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046 DEIAZ-DEI1046 Datasheet
413Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1044A DEIAZ-DEI1044A Datasheet
212Kb / 7P
   QUAD ARINC 429 LINE RECEIVER
DEI1044 DEIAZ-DEI1044 Datasheet
91Kb / 6P
   QUAD ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com