Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3111PCI Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-3111PCI
Description  Avionics CAN Controller with Integrated Transceiver
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3111PCI Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-3111PCI Datasheet HTML 1Page - Holt Integrated Circuits HI-3111PCI Datasheet HTML 2Page - Holt Integrated Circuits HI-3111PCI Datasheet HTML 3Page - Holt Integrated Circuits HI-3111PCI Datasheet HTML 4Page - Holt Integrated Circuits HI-3111PCI Datasheet HTML 5Page - Holt Integrated Circuits HI-3111PCI Datasheet HTML 6Page - Holt Integrated Circuits HI-3111PCI Datasheet HTML 7Page - Holt Integrated Circuits HI-3111PCI Datasheet HTML 8Page - Holt Integrated Circuits HI-3111PCI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Avionics CAN Controller
with Integrated Transceiver
HI-3110
September 2011
GENERAL DESCRIPTION
FEATURES
The HI-3110 is a standalone
provides a complete, integrated, cost-effective solution for
avionics applications implementing the CAN 2.0B
specification and can be configured to comply with both the
ARINC 825 (General Standardization of CAN Bus Protocol
for Airborne Use) and CANaerospace standards. The HI-
3110 is capable of transmitting and receiving standard
data frames, extended data frames and remote frames.
The internal transceiver allows direct connection to the
CAN bus without using external components and coupled
with the host Serial Peripheral Interface (SPI), results in
minimal board space.
The HI-3110 provides the optimum solution for
applications where minimum host (MCU) overhead is
required, filtering unwanted messages using a maskable
identifier filter and storing up to 8 messages in the receive
FIFO.
A
Transmissions are handled using an 8 message transmit
FIFO. A Transmit Enable pin can be used by the host to
initiate a transmission. The device also provides monitor
or listen-only mode, low power sleep mode, loopback
mode for self-test and a r
The HI-3110 family is available in industrial and full
extended temperature ranges, with a “RoHS compliant”
lead-free option.
Implements CAN version 2.0B with programmable bit
rate up to 1Mbit/sec. ISO 11898-5 compliant.
Configurable
to
support A RINC
825
and
CANaerospace Standards.
Standard, Extended and Remote frames supported.
8 maskable identifier filters.
Filtering on ID and first two data bytes for both
Standard and Extended Identifiers.
Loopback mode for self-test.
Monitor (Listen-only) and Low Power Sleep
.
8-message Transmit and Receive FIFOs.
Internal 16-bit free running counter for time tagging of
transmitted or received messages.
Controller Area Network
(CAN) controller with built in transceiver.
The device
flexible interrupt scheme allows real time
servicing of the FIFO by the host, if required.
e-transmission disable capability
(necessary to implement TTCAN protocol).
The HI-3111 is a digital only version of the HI-3110 (no
transceiver). This version provides a “protocol only”
solution for customers who wish to use an external
transceiver and may be used in situations where the
customer requires galvanic isolation between the bus and
digital protocol logic. The HI-3112 provides an option of a
CLKOUT pin instead of a SPLIT pin, which may be used as
the main system clock or as a clock input for other devices
in the system. Finally, the HI-3113 provides all options
(both CLKOUT and SPLIT pins) in a very compact QFN-44
package.
Serial Peripheral Interface (SPI) (20MHz).
Modes
with automatic wake-up possible
Permanent dominant timeout protection.
Short Circuit Protection of -58V to + 58V on CAN_H,
CAN_L and SPLIT pins (ISO 11898-5).
Re-transmission disable capability.
Transmit Enable pin.
Industrial and Full Extended temperature ranges
supported:
Industrial: -40 C to + 85 C.
Extended: -55 C to + 125 C.
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
oo
oo
PIN CONFIGURATION (Top View)
3110PSI
3110PST
3110PSM
VLOGIC 1
OSCOUT 2
OSCIN 3
GP1 4
GP2 5
TXEN 6
SPLIT 7
GND 8
CANL 9
18
INT
17
16
15
SO
14
SI
13
SCK
12
STAT
11
VDD
10
CANH
MR
CS
18-Pin Plastic SOIC - WB Package
(DS3110 Rev. A)
09/11
HOLT INTEGRATED CIRCUITS
www.holtic.com


Similar Part No. - HI-3111PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3110H HOLTIC-HI-3110H_16 Datasheet
185Kb / 53P
   Avionics CAN Controller with Integrated Transceiver and High Operating Temperature
HI-3110 HOLTIC-HI-3110_16 Datasheet
194Kb / 54P
   Avionics CAN Controller with Integrated Transceiver
More results

Similar Description - HI-3111PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3110 HOLTIC-HI-3110_16 Datasheet
194Kb / 54P
   Avionics CAN Controller with Integrated Transceiver
HI-3110H HOLTIC-HI-3110H_16 Datasheet
185Kb / 53P
   Avionics CAN Controller with Integrated Transceiver and High Operating Temperature
HI-5110 HOLTIC-HI-5110 Datasheet
184Kb / 51P
   CAN Controller with Integrated Transceiver
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1 Datasheet
112Kb / 7P
[Old version datasheet]   CAN FD Controller with Integrated Transceiver
TCAN4550 TI1-TCAN4550 Datasheet
1Mb / 144P
[Old version datasheet]   CAN FD Controller with Integrated Transceiver
logo
Microchip Technology
MCP251863 MICROCHIP-MCP251863 Datasheet
2Mb / 106P
   External CAN FD Controller with Integrated Transceiver
Revision A February 2022
logo
List of Unclassifed Man...
HI-3000H ETC2-HI-3000H Datasheet
77Kb / 12P
   1Mbps Avionics CAN Transceiver
logo
Broadcom Corporation.
BCM5705 BOARDCOM-BCM5705 Datasheet
501Kb / 1P
   CONTROLLER WITH INTEGRATED TRANSCEIVER
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
[Old version datasheet]   Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com