Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-1570CDI Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-1570CDI
Description  5V Monolithic Dual Variable AmplitudeTransceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1570CDI Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-1570CDI Datasheet HTML 2Page - Holt Integrated Circuits HI-1570CDI Datasheet HTML 3Page - Holt Integrated Circuits HI-1570CDI Datasheet HTML 4Page - Holt Integrated Circuits HI-1570CDI Datasheet HTML 5Page - Holt Integrated Circuits HI-1570CDI Datasheet HTML 6Page - Holt Integrated Circuits HI-1570CDI Datasheet HTML 7Page - Holt Integrated Circuits HI-1570CDI Datasheet HTML 8Page - Holt Integrated Circuits HI-1570CDI Datasheet HTML 9Page - Holt Integrated Circuits HI-1570CDI Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HI-1570
TXA/B
TXA/B
V
A&B
CONT
TRANSMITTER
BUSA/B
BUSA/B
52.5
(.75 Zo)
W
52.5
(.75 Zo)
W
1.79:1
1:1.79
1:1.4
1.4:1
35
(.5 Zo)
W
Figure 3. Transformer Coupled Test Circuits
Coupling
Transformer
Coupling
Transformer
Isolation
Transformer
Isolation
Transformer
RECEIVER
52.5
(.75 Zo)
W
52.5
(.75 Zo)
W
35
(.5 Zo)
W
RXA/B
RXA/B
RXENA/B
Point
“A ”
T
Point
“A ”
T
TXINHA/B
FS
0.8FS
0.6FS
0.4FS
0.2FS
0
FS
0.8FS
0.6FS
0.4FS
0.2FS
0
0
1.0
2.0
3.0
4.0
5.0
7.5
6.0
4.5
3.0
1.5
0
7.5
6.0
4.5
3.0
1.5
0
Control Voltage - V
A&B
CONT
Control Voltage - V
A&B
CONT
Figure 4. Transmitter Output Amplitude (Vo)
vs V
A&B Voltage
CONT
Slope =
Vo ÷
V
A&B
DD CONT
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-1570CDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1570CDI HOLTIC-HI-1570CDI Datasheet
77Kb / 9P
   5V Monolithic Dual Variable AmplitudeTransceiver
More results

Similar Description - HI-1570CDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1570 HOLTIC-HI-1570 Datasheet
77Kb / 9P
   5V Monolithic Dual Variable AmplitudeTransceiver
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1569 HOLTIC-HI-1569_06 Datasheet
74Kb / 8P
   5V Monolithic Dual Transceiver
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1569 HOLTIC-HI-1569 Datasheet
100Kb / 8P
   5V Monolithic Dual Transceiver
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com