Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3588PQT Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-3588PQT
Description  Receiver with SPI Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3588PQT Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-3588PQT Datasheet HTML 3Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 4Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 5Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 6Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 7Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 8Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 9Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 10Page - Holt Integrated Circuits HI-3588PQT Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HI-3588 PACKAGE DIMENSIONS
44-PIN PLASTIC CHIP-SCALE PACKAGE (QFN)
Package Type: 44PCS
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
.203 ± .006
(5.15 ± .15)
.016 ± .002
(0.40 ± .05)
.010
(0.25)
.020
(0.50)
.008
(0.2)
.039
(1.00)
.276
(7.00)
BSC
.203 ± .006
(5.15 ± .15)
typ
typ
Bottom
View
Top View
BSC
.276
(7.00)
BSC
max
inches (millimeters)
Heat sink pad on bottom of package.
Heat sink must be left floating or
connected to VDD.
DO NOT connect to GND.
Package Type:
0
° £ Q £ 7°
Detail A
See Detail A
SQ.
44PTQS
44-PIN PLASTIC QUAD FLAT PACK (PQFP)
.006
(.15)
.547 ± .010
(13.90 ± .25)
.394 ± .004
(10.0 ± .10)
SQ.
MAX.
.014 ± ..002
(.35 ± .05)
.035
.006
±
(.88
.15)
±
.005
(.13)
R MIN.
.012
(.30)
R MAX.
.055
.002
±
(1.4
.05)
±
.063
(1.6)
MAX.
.0315
(.80)
inches (millimeters)
BSC
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-3588PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588PQT HOLTIC-HI-3588PQT Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3588PQT HOLTIC-HI-3588PQT Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588PQTF HOLTIC-HI-3588PQTF Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3588PQTF HOLTIC-HI-3588PQTF Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
More results

Similar Description - HI-3588PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
logo
Analog Devices
ADIS16006 AD-ADIS16006_15 Datasheet
242Kb / 16P
   Accelerometer with SPI Interface
REV. C
ADIS16003 AD-ADIS16003_15 Datasheet
228Kb / 16P
   Accelerometer with SPI Interface
REV. B
logo
Microchip Technology
TC77-50MOATR MICROCHIP-TC77-50MOATR Datasheet
291Kb / 22P
   Thermal Sensor with SPI Interface
08/01/02
TC77 MICROCHIP-TC77_13 Datasheet
307Kb / 22P
   Thermal Sensor with SPI Interface
10/26/12 2002-2012
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585_15 Datasheet
129Kb / 19P
   Terminal IC with SPI Interface
logo
Linear Technology
LTC2452 LINER-LTC2452_11 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com