Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3717PCI Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-3717PCI
Description  Single-Rail ARINC 717 Protocol IC with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3717PCI Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-3717PCI Datasheet HTML 3Page - Holt Integrated Circuits HI-3717PCI Datasheet HTML 4Page - Holt Integrated Circuits HI-3717PCI Datasheet HTML 5Page - Holt Integrated Circuits HI-3717PCI Datasheet HTML 6Page - Holt Integrated Circuits HI-3717PCI Datasheet HTML 7Page - Holt Integrated Circuits HI-3717PCI Datasheet HTML 8Page - Holt Integrated Circuits HI-3717PCI Datasheet HTML 9Page - Holt Integrated Circuits HI-3717PCI Datasheet HTML 10Page - Holt Integrated Circuits HI-3717PCI Datasheet HTML 11Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
HI-3717
HOLT INTEGRATED CIRCUITS
7
REGISTER DESCRIPTIONS (cont.)
Bit
Name
R/W Default Description
7
INSYNC
R
0
Receive channel sync indicator. The bit is set to”1” when synchronization is achieved on the
receive channel.
Normal synchronization occurs when four consecutive valid sync marks (Octal 1107, 2670, 5107
and 6670 respectively) are received exactly 1 second apart. The bit is set when the next valid and
properly spaced subframe sync mark (Octal 1107) is detected.
Software Synchronization (CTRL1<2> = “1”) occurs when two consecutively valid sync marks are
received exactly 1 second apart and in the proper order but the first sync mark does not have to be
Octal 1107. The bit is set when the next valid and properly spaced subframe sync mark is detected.
The bit remains set until synchronization is lost at which time the device automatically attempts to
re-synchronize. No data is passed to the receive FIFO until Synchronization is re-established.
Existing data in the FIFO remains intact and can be read at any time.
6-5
SYNC0:1
R
0
The two bits are a realtime indicators of when each of the four ARINC 717 subframe sync marks are
received. They are updated when the sync mark is detected and passed to the Receive FIFO. The
two bits are only valid when INSYNC is “1”
00
Subframe SYNC1 mark received (Octal 1107)
01
Subframe SYNC2 mark received (Octal 2670)
10
Subframe SYNC3 mark received (Octal 5107)
11
Subframe SYNC4 mark received (Octal 6670)
4
RFFULL
R
0
Bit is set when the Receive FIFO contains 32 words.
3
RFHALF
R
0
Bit is set when the Receive FIFO contains exactly 16 words.
2
RFEMPTY
R
1
Bit is set when the Receive FIFO is empty. It is reset to”0” when the first valid word is passed to the
Receive FIFO.
1
RFOVF
R
0
FIFO Overflow bit and ROVF pin are set to “1” when devices attempts to load a valid word to a full
Receive FIFO. The Receive FIFO will ignore additional words if it is full.
0
-
R
0
Not used, Always reads “0”
7
6
5
4
3
2
1
0
MSB
LSB
RFHALF
TEST
SYNC0
IN
S
Y
N
C
RECEIVE FIFO STATUS REGISTER: RXFSTAT
Read: SPI Op-code 0xE6
Write: Read Only
X X X
X
RFOVF
RFEMPTY
Bit
Name
R/W Default Description
7 - 4
-
R/W
0
Not Used, Always reads a “0”
3
SRST
R/W
0
Software Reset - Setting this bit to “1” empties all the FIFO’s, clears the Sync detection logic and
sets the analog line drivers to Hi-Z state. All other register bits remain unchanged.
2
SFTSYNC
R/W
0
Software Synchronization - Setting the bit to “1” will result in the INSYNC output pin going high
when the third of three consecutively occurring sync marks is detected.
1
NOSYNC
R/W
0
No Synchronization - Setting this bit to “1” will result in all data captured being loaded into the
receive FIFO. WARNING: In this mode there is no way the HI-3717 can determine frame or sub-
frame boundaries. This sync mode overrides all the other sync modes when set to “1”.
0
TEST
R/W
0
Test Mode - A “1” in this bit position will disable the line receiver and both line drivers and the digital
transmitted data will be looped back to the HBP or BPRZ data sampler selected by RXSEL .
7
6
5
4
3
2
1
0
MSB
LSB
SRST
TEST
CONTROL REGISTER 1: CTRL1
Read: SPI Op-code 0xE2
Write: SPI Op-code 0x62
X X X
X
NOSYNC
SFTSYNC
S
Y
N
C
1
X X X
X
TABLE 4.
TABLE 5.


Similar Part No. - HI-3717PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3717A HOLTIC-HI-3717A Datasheet
164Kb / 27P
   Compliant with ARINC 717-15
More results

Similar Description - HI-3717PCI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3717A HOLTIC-HI-3717A Datasheet
164Kb / 27P
   Compliant with ARINC 717-15
HI-3585 HOLTIC-HI-3585_15 Datasheet
129Kb / 19P
   Terminal IC with SPI Interface
logo
Sames
SA9903B SAMES-SA9903B Datasheet
120Kb / 12P
   Single Phase Power / Energy IC with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com