Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3717PQI Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-3717PQI
Description  Single-Rail ARINC 717 Protocol IC with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3717PQI Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-3717PQI Datasheet HTML 1Page - Holt Integrated Circuits HI-3717PQI Datasheet HTML 2Page - Holt Integrated Circuits HI-3717PQI Datasheet HTML 3Page - Holt Integrated Circuits HI-3717PQI Datasheet HTML 4Page - Holt Integrated Circuits HI-3717PQI Datasheet HTML 5Page - Holt Integrated Circuits HI-3717PQI Datasheet HTML 6Page - Holt Integrated Circuits HI-3717PQI Datasheet HTML 7Page - Holt Integrated Circuits HI-3717PQI Datasheet HTML 8Page - Holt Integrated Circuits HI-3717PQI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
GENERAL DESCRIPTION
The HI-3717 from Holt Integrated Circuits is a CMOS device
designed for interfacing an ARINC 717 compatible bus to a
Serial Peripheral Interface (SPI) enabled micro-controller.
The part includes a selectable Harvard Bi-Phase (HBP) or
Bi-Polar Return-to-Zero (BPRZ) receive channel and
transmit channels with HBP and BPRZ encoders and line
drivers.
The receive channel has integrated analog line
receivers and the transmit channels have integrated line
drivers for the corresponding encoding method (HBP and
BPRZ). The part operates from a single +3.3V supply using
only four external capacitors. Each transmit and receive
channel has a 32-word by 12-bit FIFO for data buffering.
The HI-3717 is available in very small 44-pin 7mm x 7mm
Chip-scale (QFN) and 44-pin Quad Flat Pack (PQFP) plastic
packages.
PIN CONFIGURATIONS (Top View)
Single-Rail ARINC 717 Protocol IC
with SPI Interface
November 2011
HI-3717
(DS3717 Rev. B)
11/11
44 - Pin Plastic 7mm x 7mm
Chip-Scale Package (QFN)
NOCONV - 1
RINB-40 - 2
RINB - 3
RINA - 4
RINA-40 - 5
GND - 6
TFIFO - 7
TEMPTY - 8
INSYNC - 9
SYNC0 - 10
SYNC1 - 11
33 -
32 - TXOUTHA
31 - TXOUTHB
30 - OUTHB
29 - TXHB
28 - TXBA
27 - OUTBA
26 - TXOUTBA
25 - TXOUTBB
24 - OUTBB
23 - TXBB
OUTHA
HI-3717PCI
HI-3717PCT
HI-3717PCM
HOLT INTEGRATED CIRCUITS
www.holtic.com
44 - Pin Plastic Quad Flat Pack (PQFP)
HI-3717PQI
HI-3717PQT
HI-3717PQM
NOCONV - 1
RINB-40 - 2
RINB - 3
RINA - 4
RINA-40 - 5
GND - 6
TFIFO - 7
TEMPTY - 8
INSYNC - 9
SYNC0 - 10
SYNC1 - 11
33 -
32 - TXOUTHA
31 - TXOUTHB
30 - OUTHB
29 - TXHB
28 - TXBA
27 - OUTBA
26 - TXOUTBA
25 - TXOUTBB
24 - OUTBB
23 - TXBB
OUTHA
FEATURES
· Compliant with ARINC 717 and ARINC 573 standards
·
·
·
·
·
μ
μ
μ
·
·
·
·
·
·
·
·
Operates from a single +3.3V supply with on-chip
converters to provide proper voltages for both Harvard
Bi-Phase (HPB) and Bi-Polar Return-to-Zero (BPRZ)
outputs
One selectable receive channel as HBP or BPRZ with
integrated analog line receiver
Both HBP and BPRZ transmitters have integrated line
drivers as well as digital outputs
32-word by 12-bit FIFOs for both the receive and the
transmit channel
Programmable slew rates on transmit channels: 1.5 s,
7.5 s or 10 s
Digital transmitter outputs available for use with
external line drivers
Programmable bit rates: 384, 768, 1536, 3072, 6144,
12288, 24576, 49152 and 98304 bits/sec (32, 64, 128,
256, 512, 1024, 2048, 4096 and 8192 words/sec)
Enhanced Sync detection allows multiple false sync
marks in user data while still synchronizing within 8
seconds
Fast SPI transmitter write and receiver read modes
Match pin flags when preprogrammed word count /
subframe is received
Frame / subframe word count indicator
Industrial and Extended temperature ranges
Burn-in available
APPLICATIONS
· Digital Flight Data Acquisition Units (DFDAU)
·
·
·
Digital Flight Data Recorders (DFDR)
Quick Access Recorders (cassette type)
Expandable Flight Data Acquisition and Recording
Systems


Similar Part No. - HI-3717PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3717A HOLTIC-HI-3717A Datasheet
164Kb / 27P
   Compliant with ARINC 717-15
More results

Similar Description - HI-3717PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3717A HOLTIC-HI-3717A Datasheet
164Kb / 27P
   Compliant with ARINC 717-15
HI-3585 HOLTIC-HI-3585_15 Datasheet
129Kb / 19P
   Terminal IC with SPI Interface
logo
Sames
SA9903B SAMES-SA9903B Datasheet
120Kb / 12P
   Single Phase Power / Energy IC with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com