Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-5001 Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-5001
Description  1Mbps CAN Transceiver with Low Power Standby Mode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-5001 Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-5001 Datasheet HTML 5Page - Holt Integrated Circuits HI-5001 Datasheet HTML 6Page - Holt Integrated Circuits HI-5001 Datasheet HTML 7Page - Holt Integrated Circuits HI-5001 Datasheet HTML 8Page - Holt Integrated Circuits HI-5001 Datasheet HTML 9Page - Holt Integrated Circuits HI-5001 Datasheet HTML 10Page - Holt Integrated Circuits HI-5001 Datasheet HTML 11Page - Holt Integrated Circuits HI-5001 Datasheet HTML 12Page - Holt Integrated Circuits HI-5001 Datasheet HTML 13Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HOLT INTEGRATED CIRCUITS
9
Application and Test Information
Figure 7. Typical Application Connections
Controller
TXD
RXD
VDD
5V
Regulator
VBAT
GND
TXD
RXD
1
4
8
3
2
7
5
6
VDD
GND
STB
CANL
CANH
SPLIT
R/2
L
R/2
L
(optional)
HI-5000
Controller
TXD
RXD
VDD
3.3V
Regulator
VBAT
GND
TXD
RXD
1
4
8
3
2
7
5
6
VIO
GND
STB
CANL
CANH
RL
HI-5001
VDD
HI-5000, HI-5001, HI-5002
5V


Similar Part No. - HI-5001

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-5040 HARRIS-HI-5040 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
HI-5041 HARRIS-HI-5041 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
logo
Harris Corporation
HI-5042 HARRIS-HI-5042 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042 Datasheet
490Kb / 12P
   CMOS Analog Switches
More results

Similar Description - HI-5001

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
NXP Semiconductors
TJA1042T PHILIPS-TJA1042T Datasheet
149Kb / 22P
   High-speed CAN transceiver with Standby mode
Rev. 7-8 May 2012
TJA1044 NXP-TJA1044 Datasheet
237Kb / 27P
   High-speed CAN transceiver with Standby mode
Rev. 6-24 August 2017
TJA1442 NXP-TJA1442 Datasheet
356Kb / 30P
   High-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
TJA1042 NXP-TJA1042 Datasheet
122Kb / 20P
   High-speed CAN transceiver with Standby mode
Rev. 02-8 July 2009
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
logo
Microchip Technology
ATA6562 MICROCHIP-ATA6562 Datasheet
1Mb / 32P
   High-Speed CAN Transceiver with Standby Mode
09/14/21
logo
List of Unclassifed Man...
HI-3000H ETC2-HI-3000H Datasheet
77Kb / 12P
   1Mbps Avionics CAN Transceiver
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
956Kb / 32P
   3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
March 26, 2018
logo
NXP Semiconductors
TJR1448 NXP-TJR1448 Datasheet
384Kb / 37P
   Dual high-speed CAN transceiver with Standby mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com