Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT15-050R Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAT15-050R
Description  Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT15-050R Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAT15-050R Datasheet HTML 1Page - Siemens Semiconductor Group BAT15-050R Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAT 15- … R
BAT 15- ... R
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
pF
Diode capacitance
VR = 0, f = 1 MHz
BAT 15-020 R
BAT 15-050 R
BAT 15-090 R
BAT 15-110 R
CT
0.30
0.20
0.14
0.10
0.35
0.25
0.15
0.12
V
Forward voltage
IF = 1 mA
BAT 15-020 R
BAT 15-050 R
BAT 15-090 R
BAT 15-110 R
IF = 10 mA
BAT 15-020 R
BAT 15-050 R
BAT 15-090 R
BAT 15-110 R
VF
0.26
0.28
0.30
0.31
0.35
0.39
0.44
0.45
dB
Single sideband noise figure
FIF = 1.5 dB, PLO = 0 dBm, fIF = 10.7 MHz
f = 3.0 GHz
BAT 15-020 R
f = 6.0 GHz
BAT 15-050 R
f = 9.3 GHz
BAT 15-090 R
f = 16 GHz
BAT 15-110 R
FSSB
6.0
6.5
6.5
7.0
Differential forward resistance
IF = 10 mA
BAT 15-020 R
BAT 15-050 R
IF = 50 mA
BAT 15-090 R
BAT 15-110 R
rf
3.5
4.0
7.0
10.0
DC Characteristics
Unit
Values
Parameter
Symbol
min.
typ.
max.


Similar Part No. - BAT15-050R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT15-050D SIEMENS-BAT15-050D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
BAT15-050S SIEMENS-BAT15-050S Datasheet
14Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
More results

Similar Description - BAT15-050R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT15-D SIEMENS-BAT15-D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
BAT15-S SIEMENS-BAT15-S Datasheet
14Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
BAT14-D SIEMENS-BAT14-D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
BAT14-S SIEMENS-BAT14-S Datasheet
17Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
logo
Tyco Electronics
MA4E2037 MACOM-MA4E2037 Datasheet
42Kb / 3P
   GaAs Beam Lead Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSCH-9101 HP-HSCH-9101 Datasheet
66Kb / 4P
   GaAs Beam Lead Schottky Barrier Diodes
logo
List of Unclassifed Man...
DMF5080-000 ETC-DMF5080-000 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
logo
M/A-COM Technology Solu...
MSS30-XXX-X MA-COM-MSS30-XXX-X Datasheet
706Kb / 5P
   Low Barrier Silicon Schottky Diodes
logo
Microsemi Corporation
MS8250-48 MICROSEMI-MS8250-48 Datasheet
140Kb / 2P
   SCHOTTKY DIODES TM Silicon Low Barrier
logo
Advanced Semiconductor
ABL1601A ASI-ABL1601A Datasheet
20Kb / 1P
   SILICON BEAM LEAD SCHOTTKY DIODES SERIES TEE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com