Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-5001PSI Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-5001PSI
Description  1Mbps CAN Transceiver with Low Power Standby Mode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-5001PSI Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-5001PSI Datasheet HTML 1Page - Holt Integrated Circuits HI-5001PSI Datasheet HTML 2Page - Holt Integrated Circuits HI-5001PSI Datasheet HTML 3Page - Holt Integrated Circuits HI-5001PSI Datasheet HTML 4Page - Holt Integrated Circuits HI-5001PSI Datasheet HTML 5Page - Holt Integrated Circuits HI-5001PSI Datasheet HTML 6Page - Holt Integrated Circuits HI-5001PSI Datasheet HTML 7Page - Holt Integrated Circuits HI-5001PSI Datasheet HTML 8Page - Holt Integrated Circuits HI-5001PSI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
GENERAL DESCRIPTION
The HI-5000 is a 1 Mbps Controller Area Network (CAN)
transceiver. It interfaces between a CAN protocol con-
troller and the physical wires of the bus in a CAN network.
The HI-5000 supports two modes of operation: Normal
Mode and Standby Mode. The Standby Mode is a very
low-current mode which continues to monitor bus activity
and allows an external controller to manage wake-up.
In addition, the
HI-5000 provides a SPLIT pin to give an output reference
voltage of VDD/2 which can be used for stabilizing the re-
cessive bus level when the split termination technique is
used to terminate the bus.
A TXD dominant time-out feature also protects the bus
from being driven into a permanent dominant state (so-
called “babbling idiot”) if pin TXD becomes permanently
low due to application failure.
The device also has short circuit protection to +/-58V on
CANH, CANL and SPLIT pins and ESD protection to
+/- 6kV on all pins.
The HI-5001 is identical to the HI-5000 except the SPLIT
pin is substituted with a VIO supply voltage pin. This al-
lows the HI-5001 to interface directly with controllers with
2.5V or 3.3V supply voltages.
The HI-5002 provides both the SPLIT and
Differential output amplitude and current drive capability
are specifically enhanced to meet the needs of long cable
runs typical in many applications such as industrial auto-
mation.
Superior common-mode receiver performance makes
the device especially suitable for applications where
ground reference voltages may vary from point to point
over long distances along the CAN bus.
VIO supply
voltage pins in a compact 16-pin QFN.
All three devices are available in industrial -40 C to +85 C
temperature ranges. “RoHS compliant” lead-free options
are also available.
oo
FEATURES
Compatible with ISO 11898-5 standard.
Signaling rates up to 1Mbit/s.
Internal VDD/2 voltage source available to stabilize the
recessive bus level if split termination is used (HI-5000
SPLIT pin).
VIO input on HI-5001 allows for direct interfacing with 2.5V
or 3.3V controllers.
Detection of permanent dominant on TXD pin (babbling
idiot protection).
High impedance allows connection of up to 120 nodes.
CANH, CANL and SPLIT pins short-circuit proof to +/-58V.
Will not disturb the bus if unpowered.
·
·
·
·
·
·
·
·
PIN CONFIGURATIONS (Top Views)
September 2011
(
5000 Rev. B)
09/11
DS
HI-5000, HI-5001, HI-5002
1Mbps CAN Transceiver with
Low Power Standby Mode
8 - PIN PLASTIC NARROW BODY SOIC
RXD-4
GND-2
TXD-1
VDD-3
5 - SPLIT
7 - CANH
8 - STB
6 - CANL
HI-5000PSI
RXD-4
GND-2
TXD-1
VDD-3
5 - VIO
7 - CANH
8 - STB
6 - CANL
HI-5001PSI
16 - PIN PLASTIC 4 x 4mm QFN
HI-5002PCI
GND 1
GND 2
VDD 3
VDD 4
12 CANH
11 CANH
10 CANL
9
CANL
HOLT INTEGRATED CIRCUITS
www.holtic.com


Similar Part No. - HI-5001PSI

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-5040 HARRIS-HI-5040 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
HI-5041 HARRIS-HI-5041 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
logo
Harris Corporation
HI-5042 HARRIS-HI-5042 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042 Datasheet
490Kb / 12P
   CMOS Analog Switches
More results

Similar Description - HI-5001PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
NXP Semiconductors
TJA1042T PHILIPS-TJA1042T Datasheet
149Kb / 22P
   High-speed CAN transceiver with Standby mode
Rev. 7-8 May 2012
TJA1044 NXP-TJA1044 Datasheet
237Kb / 27P
   High-speed CAN transceiver with Standby mode
Rev. 6-24 August 2017
TJA1442 NXP-TJA1442 Datasheet
356Kb / 30P
   High-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
TJA1042 NXP-TJA1042 Datasheet
122Kb / 20P
   High-speed CAN transceiver with Standby mode
Rev. 02-8 July 2009
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
logo
Microchip Technology
ATA6562 MICROCHIP-ATA6562 Datasheet
1Mb / 32P
   High-Speed CAN Transceiver with Standby Mode
09/14/21
logo
List of Unclassifed Man...
HI-3000H ETC2-HI-3000H Datasheet
77Kb / 12P
   1Mbps Avionics CAN Transceiver
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
956Kb / 32P
   3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
March 26, 2018
logo
NXP Semiconductors
TJR1448 NXP-TJR1448 Datasheet
384Kb / 37P
   Dual high-speed CAN transceiver with Standby mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com