Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3593PQTF Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-3593PQTF
Description  3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3593PQTF Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-3593PQTF Datasheet HTML 5Page - Holt Integrated Circuits HI-3593PQTF Datasheet HTML 6Page - Holt Integrated Circuits HI-3593PQTF Datasheet HTML 7Page - Holt Integrated Circuits HI-3593PQTF Datasheet HTML 8Page - Holt Integrated Circuits HI-3593PQTF Datasheet HTML 9Page - Holt Integrated Circuits HI-3593PQTF Datasheet HTML 10Page - Holt Integrated Circuits HI-3593PQTF Datasheet HTML 11Page - Holt Integrated Circuits HI-3593PQTF Datasheet HTML 12Page - Holt Integrated Circuits HI-3593PQTF Datasheet HTML 13Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
INITIALIZATION
The HI-3593 may be initialized using the Master Reset (MR) pin or
under software control by executing SPI op-code 0x04. MR must
be pulsed high for 1
to bring the part to its completely reset
state. MR clears all three FIFOs, all six Priority-Label Mail Boxes,
clears the Filter memories and Match registers and sets all other
internal registers to their default state.
Software Reset is performed using SPI op-code 0x44. Software
Reset clears all three FIFOs and all six Priority-Label Mail Boxes,
but does not affect the values stored in the filter memories,
Priority-Label Match registers or other writeable registers. The
Transmit and Receive Status Registers will reflect the state of the
post-software reset device.
µs
For correct ARINC 429 data rate transmission and reception, and
bit timing, the HI-3593 transmit and receive logic requires a 1 MHz
+/- 1% reference clock source. The clock is input at the ACLK pin
and must be 1 MHz or any even multiple of 1 MHz up to 30 MHz. If
a clock source greater than 1 MHz is used, then the ACLK Division
Register must be programmed with the appropriate scaling value.
Note that the least significant bit of the ACLK Division Register is
fixed at “0” allowing only even numbers to be programmed.
Similarly the three most significant bits are also fixed at “0” limiting
the maximum value to 0x1E. The ACLK Division Register is
cleared to 0x00 after Master Reset and is unaffected by Software
Reset. When programmed to 0x00, the ACLK division ratio is one,
and a 1 MHz clock should be applied to ACLK. The ACLK Division
Register is loaded using SPI Op-Code 0x38 and read using Op-
Code 0xD4.
The following table provides examples of ACLK frequency and
ACLK Division Register values for correct ARINC 429 operation:
CLOCK FREQUENCY SELECTION
ARINC 429 RECEIVERS
The HI-3593 has two completely independent ARINC 429 receive
channels. Each channel has an on-chip analog line receiver for
connection to the ARINC 429 incoming data bus. The ARINC 429
specification requires the following detection levels:
ONE
+6.5 Volts to +13 Volts
NULL
+2.5 Volts to -2.5 Volts
ZERO
-6.5 Volts to -13 Volts
The HI-3593 guarantees recognition of these levels with a common
mode voltage with respect to GND less than ±30V for the worst case
condition (3.15V supply and 13V signal level).
Design tolerances guarantee detection of the above levels, so the
actual acceptance ranges are slightly larger. If the ARINC signal
(including nulls) is outside the differential voltage ranges, the HI-
3593 receiver rejects the data.
The ARINC 429 specification defines the following timing toler-
ances for received data:
(RATE = “0”)
(RATE = “1”)
BIT RATE
100K BPS ± 1%
12K -14.5K BPS
PULSE RISE TIME
1.5 ± 0.5 µsec
10 ± 5 µsec
PULSE FALL TIME
1.5 ± 0.5 µsec
10 ± 5 µsec
PULSE WIDTH
5 µsec ± 5%
34.5 to 41.7 µsec
The HI-3593 accepts signals within these tolerances and rejects
signals outside these tolerances. Receiver logic achieves this as
described below:
1. An accurate 1MHz clock source is required to validate the
receive signal timing.
2. The receiver uses three separate 10-bit sampling shift reg-
isters for Ones detection, Zeros detection and Null detection.
When the input signal is within the differential voltage range
for any shift register’s state (One, Zero or Null) sampling
clocks a “1” into that register. When the receive signal is out-
side the differential voltage range defined for any shift regis-
ter, a “0” is clocked. Only one shift register can clock a “1” for
any given sample. All three registers clock zeros if the differ-
ential input voltage is between defined state voltage bands.
Valid data bits require at least three consecutive One or Zero
samples (three “1’s”) in the first five positions of the Ones or
Zeros sampling shift register, and at least three consecutive
Null samples (three “1’s”) in the second five positions of the
Null sampling shift register within the data bit interval.
A word gap Null requires at least three consecutive Null sam-
ples in the first half of the Null sampling shift register and at
least three consecutive Null samples in the second half of the
Null sampling shift register. This guarantees the minimum
pulse width.
STATE
DIFFERENTIAL VOLTAGE
HIGH SPEED
LOW SPEED
BIT TIMING
FUNCTIONAL DESCRIPTION
HOLT INTEGRATED CIRCUITS
9
HI-3593
CONFIGURATION
The Transmit Control Register and Receiver Control Registers are
used to configure the ARINC 429 transmission channel and two
ARINC 429 receive channels. The registers may be written or read
at any time. They are reset to 0x00 following Master Reset and are
unchanged by Software Reset. Refer to the Receiver Control
Register and Transmit Control Register descriptions for detailed
information.
ACLK Division Register value
External Clock
0x00
1 MHz
0x02
2 MHz
0x04
4 MHz
0x06
6 MHz
0x08
8 MHz
0x0A
10 MHz
““
““
0x1C
28 MHz
0x1E
30 MHz
TABLE 2. ACLK DIVISION


Similar Part No. - HI-3593PQTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593PQTF HOLTIC-HI-3593PQTF Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
More results

Similar Description - HI-3593PQTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com